Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 47 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 47 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 43Page - Semtech Corporation LLCC68 Datasheet HTML 44Page - Semtech Corporation LLCC68 Datasheet HTML 45Page - Semtech Corporation LLCC68 Datasheet HTML 46Page - Semtech Corporation LLCC68 Datasheet HTML 47Page - Semtech Corporation LLCC68 Datasheet HTML 48Page - Semtech Corporation LLCC68 Datasheet HTML 49Page - Semtech Corporation LLCC68 Datasheet HTML 50Page - Semtech Corporation LLCC68 Datasheet HTML 51Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
47 of 106
Semtech
www.semtech.com
8.3 Multi-Purpose Digital Input/Output (DIO)
The chip is interfaced through the 4 control lines which are composed of the BUSY pin and 3 DIOs pins that can be
configured as interrupt, debug or to control the radio immediate peripherals (TCXO or RF Switch).
8.3.1 BUSY Control Line
The BUSY control line is used to indicate the status of the internal state machine. When the BUSY line is held low, it indicates
that the internal state machine is in idle mode and that the radio is ready to accept a command from the host controller.
The BUSY control line is set back to zero once the chip has reached a stable mode and it is ready for a new command.
Inherently, the amount of time the BUSY line will stay high depends on the nature of the command. For example, setting
the device into TX mode from the STDBY_RC mode will take much more time than simply changing some radio parameters
because the internal state machine will maintain the BUSY line high until the radio is effectively transmitting the packet.
Figure 8-3: Switching Time Definition
For the internal state machine, all “write” commands will cause the BUSY line to be asserted high after time TSW, as per the
graph above. TSW represents the time required for the internal state machine to wake-up and start processing the
command.
Conversely, the “read” command will be handled directly without the help of the internal state machine and thus the BUSY
line will remains low after a “read” command.
The max value for TSW from NSS rising edge to the BUSY rising edge is, in all cases, 600 ns.
In Sleep mode, the BUSY pin is held high through a 20 kΩ resistor and the BUSY line will go low as soon as the radio leaves
the Sleep mode.
In FS, BUSY will go low when the PLL is locked.
In RX, BUSY will go to low as soon as the RX is up and ready to receive data.
In TX, BUSY will go low when the PA has ramped-up and transmission of preamble starts.
BUSY
NSS
SPI
(MOSI, MISO, SCK)
opcode
Param1
Param…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com