Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 39 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 35Page - Semtech Corporation LLCC68 Datasheet HTML 36Page - Semtech Corporation LLCC68 Datasheet HTML 37Page - Semtech Corporation LLCC68 Datasheet HTML 38Page - Semtech Corporation LLCC68 Datasheet HTML 39Page - Semtech Corporation LLCC68 Datasheet HTML 40Page - Semtech Corporation LLCC68 Datasheet HTML 41Page - Semtech Corporation LLCC68 Datasheet HTML 42Page - Semtech Corporation LLCC68 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
39 of 106
Semtech
www.semtech.com
The bandwidth must be chosen so that
Bandwidth[DSB] ≥ BR + 2*frequency deviation + frequency error
where the frequency error is two times the crystal frequency error used.
The LLCC68 offers several pulse shaping options defined by the parameter PulseShape. If other unspecified values are given
as parameters, then no filtering is used.
6.2.2 FSK Packet Engine
The LLCC68 is designed for packet-based transmission. The packet controller block is responsible for assembly of received
data bit-stream into packets and their storage into the data buffer. It also performs the bit-stream decoding operations such
as de-whitening & CRC-checks on the received bit-stream.
On the transmit side, the packet handler can construct a packet and send it bit by bit to the modulator for transmission. It
can whiten the payload and append the CRC-checksum to the end of the packet. The packet controller only works in
half-duplex mode i.e. either in transmit or receive at a time.
The packet controller is configured using the command SetPacketParams(...) as in Section 13.4.6 "SetPacketParams" on
page 83. This function can be called only after defining the protocol. The next chapters describe in detail the different
frames available in the LLCC68.
6.2.2.1 Preamble Detection in Receiver Mode
The LLCC68 is able to gate the reception of a packet if an insufficient number of alternating preamble symbols (usually
referred to 0x55 or 0xAA in hexadecimal form) has been detected. This can be selected by the user by using the parameter
PreambleDetectorLength used in the command SetPacketParams(...). The user can select a value ranging from “Preamble
detector length off” - where the radio will not perform any gating and will try to lock directly on the following Sync Word -
BW39
0x1C
39.0
BW46
0x14
46.9
BW58
0x0C
58.6
BW78
0x1B
78.2
BW93
0x13
93.8
BW117
0x0B
117.3
BW156
0x1A
156.2
BW187
0x12
187.2
BW234
0x0A
234.3
BW312
0x19
312.0
BW373
0x11
373.6
BW467
0x09
467.0
Table 6-4: Bandwidth Definition in FSK Packet Type
BW
Value
Bandwidth [kHz DSB]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com