Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC68 Datasheet(PDF) 59 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 59 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 55Page - Semtech Corporation LLCC68 Datasheet HTML 56Page - Semtech Corporation LLCC68 Datasheet HTML 57Page - Semtech Corporation LLCC68 Datasheet HTML 58Page - Semtech Corporation LLCC68 Datasheet HTML 59Page - Semtech Corporation LLCC68 Datasheet HTML 60Page - Semtech Corporation LLCC68 Datasheet HTML 61Page - Semtech Corporation LLCC68 Datasheet HTML 62Page - Semtech Corporation LLCC68 Datasheet HTML 63Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
59 of 106
Semtech
www.semtech.com
11.5 Status Commands
SetPacketParams
0x8C
packetParam1, packetParam2, packetParam3,
packetParam4, packetParam5, packetParam6,
packetParam7, packetParam8, packetParam9
Set values on selected protocol
modem for given packet parameters
SetCadParams
0x88
cadSymbolNum, cadDetPeak, cadDetMin,
cadExitMode, cadTimeout
Set the parameters which are used for
performing a CAD (LoRa® only)
SetBufferBaseAddress
0x8F
TxbaseAddr, RxbaseAddr
Store TX and RX base address in regis-
ter of selected protocol modem
SetLoRaSymbNumTimeout
0xA0
SymbNum
Set the number of symbol the modem
has to wait to validate a lock
Table 11-5: Commands Returning the Radio Status
Command
Opcode
Parameters
Description
GetStatus
0xC0
-
Returns the current status of the device
GetRssiInst
0x15
-
Returns the instantaneous measured RSSI while in Rx mode
GetRxBufferStatus
0x13
-
Returns PaylaodLengthRx(7:0), RxBufferPointer(7:0)
GetPacketStatus
0x14
-
Returns RssiAvg, RssiSync, PStatus2, PStatus3, PStatus4 in
FSK protocol, returns RssiPkt, SnrPkt in LoRa® protocol
GetDeviceErrors
0x17
-
Returns the error which has occurred in the device
ClearDeviceErrors
0x07
0x00
Clear all the error(s). The error(s) cannot be cleared
independently
GetStats
0x10
-
Returns statistics on the last few received packets
ResetStats
0x00
-
Resets the value read by the command GetStats
Table 11-4: Commands Controlling the RF and Packets Settings
Command
Opcode
Parameters
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com