Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CF Datasheet(PDF) 109 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 109 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 105Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 106Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 107Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 108Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 109Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 110Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 111Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 112Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 113Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 126 page
background image
Chapter 9 DC and AC Operating Conditions
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
109
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
9.5.7 MII Management Interface Timing
Table 9-14 lists the significant time periods for the MII Management Interface timing (which consists of
timings of signals on the MDC and MDIO pins). Figure 9-8 shows the timing diagram for the time periods.
† The ICS1893CF is tested at 25 MHz (a 40-ns period) with a 50-pF load. Designs must account for all board loading
of MDC.
Figure 9-8. MII Management Interface Timing Diagram
Table 9-14. MII Management Interface Timing
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
MDC Minimum High Time
160
ns
t2
MDC Minimum Low Time
160
ns
t3
MDC Period
400†
ns
t4
MDC Rise Time to MDIO Valid
0
300
ns
t5
MDIO Setup Time to MDC
10
ns
t6
MDIO Hold Time after MDC
10
ns
MDC
MDIO
(Output)
MDC
MDIO
(Input)
t1
t2
t3
t4
t5
t6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com