Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CF Datasheet(PDF) 62 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 62 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 58Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 59Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 60Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 61Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 62Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 63Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 64Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 65Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 66Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
62
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.7.2 Acknowledge (bit 5.14)
The ISO/IEC specification defines bit 5.14 as the Acknowledge bit. When this bit is a:
Zero, it indicates that the remote link partner has not received the ICS1893CF Link Control Word.
One, it indicates to the ICS1893CF / STA that the remote link partner has acknowledged reception of the
ICS1893CF Link Control Word.
7.7.3 Remote Fault (bit 5.13)
The ISO/IEC specification defines bit 5.13 as the Remote Fault bit. This bit is set based on the Link Control
Word received from the remote link partner. When this bit is a logic:
Zero, it indicates that the remote link partner detects a Link Fault.
One, it indicates to the ICS1893CF / STA that the remote link partner detects a Link Fault.
Note: For more information about this bit, see Section 7.3.9, “Remote Fault (bit 1.4)”.
7.7.4 Technology Ability Field (bits 5.12:5)
The Technology Ability Field (TAF) bits (bits 5.12:5) determine the specific abilities that the remote link
partner is advertising. These bits are set based upon the Link Code Word received from the remote link
partner during the auto-negotiation process. The ISO/IEC specification defines the TAF technologies in
Annex 28B.
The ISO/IEC specification reserves bits 5.12:10 for future use. When each of these reserved bits is:
Read by an STA, the ICS1893CF returns a logic zero.
Written to by an STA, the STA must use the default value specified in this data sheet.
IDT uses some reserved bits to invoke auxiliary functions. To ensure proper operation of the ICS1893CF,
an STA must maintain the default value of these bits. Therefore, IDT recommends that an STA always write
the default value of any reserved bits during all management register write operations.
7.7.5 Selector Field (bits 5.4:0)
The Selector Field bits indicate the technology or encoding that the remote link partner is using for the
Auto-Negotiation message. The ICS1893CF supports only IEEE Std. 802.3, represented by a value of
00001b in bits 5.4:0. The ISO/IEC standard defines the Selector Field technologies in Annex 28A.
Presently, the IEEE standard defines the following two valid codes:
00001b (IEEE Std 802.3)
00010b (IEEE Std 802.9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com