Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CF Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS1893CF Datasheet HTML 1Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 2Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 3Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 4Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 5Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 6Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 7Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 8Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 126 page
background image
Chapter 2 Conventions and Nomenclature
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
5
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
Chapter 2 Conventions and Nomenclature
Table 2-1 lists and explains the conventions and nomenclature used throughout this data sheet.
Table 2-1. Conventions and Nomenclature
Item
Convention / Nomenclature
Bits
A bit in a register is identified using the format ‘register.bit’. For example, bit
0.15 is bit 15 of register 0.
When a colon is used with bits, it indicates the range of bits. For example,
bits 1.15:11 are bits 15, 14, 13, 12, and 11 of register 1.
For a range of bits, the order is always from the most-significant bit to the
least-significant bit.
Code groups
Within this table, see the item ‘Symbols’
Colon (:)
Within this table, see these items:
‘Bits’
‘Pin (or signal) names’
Numbers
As a default, all numbers use the decimal system (that is, base 10) unless
followed by a lowercase letter. A string of numbers followed by a lowercase
letter:
– A ‘b’ represents a binary (base 2) number
– An ‘h’ represents a hexadecimal (base 16) number
– An ‘o’ represents an octal (base 8) number
All numerical references to registers use decimal notation (and not
hexadecimal).
Pin (or signal) names
All pin or signal names are provided in capital letters.
A pin name that includes a forward slash ‘/’ is a multi-function, configuration
pin. These pins provide the ability to select between two ICS1893CF
functions. The name provided:
– Before the ‘/’ indicates the pin name and function when the signal level
on the pin is logic zero.
– After the ‘/’ indicates the pin name and function when the signal level on
the pin is logic one.
For example, the HW/SW pin selects between Hardware (HW) mode and
Software (SW) mode. When the signal level on the HW/SW pin is logic:
– Zero, the ICS1893CF Hardware mode is selected.
– One, the ICS1893CF Software mode is selected.
An ‘n’ appended to the end of a pin name or signal name (such as
RESETn) indicates an active-low operation.
When a colon is used with pin or signal names, it indicates a range. For
example, TXD[3:0] represents pins/signals TXD3, TXD2, TXD1, and TXD0.
When pin name abbreviations are spelled out, words in parentheses
indicate additional description that is not part of the pin name abbreviation.
Registers
A bit in a register is identified using the format ‘register.bit’. For example, bit
0.15 is bit 15 of register 0.
All numerical references to registers use decimal notation (and not
hexadecimal).
When register name abbreviations are spelled out, words in parentheses
indicate additional description that is not part of the register name
abbreviation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com