Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CF Datasheet(PDF) 87 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 87 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 83Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 84Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 85Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 86Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 87Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 88Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 89Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 90Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 91Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 126 page
background image
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
87
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
P2LI
4
Input or
Output
PHY (Address Bit) 2 / Link Integrity LED.
For more information on this pin, see Section 5.5, “Status Interface”.
This multi-function configuration pin is:
– An input pin during either a power-on reset or a hardware reset. In
this case, this pin configures the address of the ICS1893CF PHY
Address Bit 2.
– An output pin following reset. In this case, this pin provides link status
for the ICS1893CF.
As an input pin:
This pins establishes the address for the ICS1893CF. When the signal
on this pin is logic:
– Low, that address bit is set to logic zero.
– High, that address bit is set to logic one.
As an output pin:
When the signal on this pin is:
– De-asserted, this state indicates the ICS1893CF does not have a
link.
– Asserted, this state indicates the ICS1893CF has a valid link.
Caution:
This pin must not float. (See the notes at Section 8.2.2,
“Multi-Function (Multiplexed) Pins: PHY Address and LED
Pins”.)
P3TD
6
Input or
Output
PHY (Address Bit) 3 / Transmit Data LED.
For more information on this pin, see Section 5.5, “Status Interface”.
These multi-function configuration pins are:
– Input pins during either a power-on reset or a hardware reset. In this
case, these pins configure the address of the ICS1893CF PHY
Address Bit 3.
– Output pins following reset. In this case, this pin provides indication
of Transmit activity.
As an input pin:
This pin establishes the address for the ICS1893CF. When the signal
on one of these pins is logic:
– Low, that address bit is set to logic zero.
– High, that address bit is set to logic one.
As an output pin:
When the signal on this pin is:
– De-asserted, this state indicates the ICS1893CF does not have
Transmit activity.
– Asserted, this state indicates the ICS1893CF has Transmit activity.
Caution:
This pin must not float. (See the notes at Section 8.2.2,
“Multi-Function (Multiplexed) Pins: PHY Address and LED
Pins”.)
Table 8-5. PHY Address and LED Pins
Pin
Name
Pin
Number
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com