Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CF Datasheet(PDF) 37 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 37 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 33Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 34Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 35Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 36Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 37Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 38Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 39Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 40Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 41Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 126 page
background image
Chapter 6 Functional Blocks
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
37
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
6.5.7 10Base-T Operation: Carrier Detection
The ICS1893CF has a 10Base-T Carrier Detection Function that establishes the state of its Carrier Sense
signal (CRS), based upon the state of its Transmit and Receive state machines. These functions indicate
whether the ICS1893CF is (1) transmitting data, (2) receiving data, or (3) in a collision state (that is, the
ICS1893CF is both transmitting and receiving data on its twisted-pair medium, as defined in the ISO/IEC
8802-3 standard). When the ICS1893CF is configured for:
Half-duplex operations, the ICS1893CF asserts its CRS signal when either transmitting or receiving
data.
Full-duplex operations, the ICS1893CF asserts its CRS signal only when it is receiving data.
6.5.8 10Base-T Operation: Collision Detection
The ICS1893CF has a 10Base-T Collision Detection Function that establishes the state of its Collision
Detection signal (COL) based upon both (1) the state of its Receiver state machine and (2) the state of its
Transmit state machine. When the ICS1893CF is operating in:
Half-duplex mode, the ICS1893CF asserts its COL signal to indicate it is receiving data while
transmission of data is also in progress.
Full-duplex mode, the ICS1893CF always sets its COL signal to FALSE.
6.5.9 10Base-T Operation: Jabber
The ICS1893CF has an ISO/IEC compliant Jabber Detection Function that, when enabled, monitors the
data stream sent to its Twisted-Pair Transmitter to ensure that it does not exceed the 10Base-T Jabber
activation time limit (that is, the maximum transmission time). For more information, see Section 9.5.18,
“10Base-T: Jabber Timing”.
When the Jabber Detection Function detects that its transmission time exceeds the maximum Jabber
activation time limit and Jabber Detection is enabled, the ICS1893CF asserts its Collision Detect (COL)
signal. During this ISO/IEC specified ‘jabber de-activation time’, the ICS1893CF transmit data stream is
interrupted and prevented from reaching its Twisted-Pair Transmitter. During this time, when interrupting
the data stream and asserting its COL signal, the ICS1893CF transmits Normal Link Pulses and sets its
QuickPoll Detailed Status Register’s Jabber Detected bit (bit 17.2) to logic one. This bit is a latching high
(LH) bit. (For more information on latching high and latching low bits, see Section 7.1.4.1, “Latching High
Bits” and Section 7.1.4.2, “Latching Low Bits”.)
The ICS1893CF provides an STA with the ability to disable the Jabber Detection Function using the Jabber
Inhibit bit (bit 18.5 in the 10Base-T Operations Register). Setting bit 18.5 to logic:
Zero (the default) enables the Jabber Detection Function.
One disables the Jabber Detection Function.
6.5.10 10Base-T Operation: SQE Test
The ICS1893CF has an ISO/IEC compliant Signal Quality Error (SQE) Test Function used exclusively for
10Base-T operations. When enabled, the ICS1893CF performs the SQE Test at the completion of each
transmitted packet (that is, whenever its TX_EN signal transitions from asserted to de-asserted). When the
ICS1893CF executes its SQE Test, it asserts the COL signal to its MAC Interface for a pre-determined time
duration (ISO/IEC specified). [For more information, see Section 9.5.17, “10Base-T: Heartbeat Timing
(SQE)”.]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com