| Electronic Components Datasheet Search |
|
ICS1893CF Datasheet(PDF) 75 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CF Datasheet(HTML) 75 Page - Integrated Circuit Systems |
|
75 / 126 page ![]() Chapter 7 Management Register Set ICS1893CF, Rev. F, 03/01/07 Mar. 2007 75 ICS1893CF Data Sheet Rev. F - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. 7.12.6 False Carrier (bit 17.8) The False Carrier bit indicates to an STA the detection of a False Carrier by the ICS1893CF in 100Base mode. A False Carrier occurs when the ICS1893CF begins evaluating potential data on the incoming 100Base data stream, only to learn that it was not a valid /J/K/. If this bit is set to a logic: • Zero, it indicates a False Carrier has not been detected since either the last read or reset of this register. • One, it indicates a False Carrier was detected since either the last read or reset of this register. This bit is a latching high bit. (For more information on latching high and latching low bits, see Section 7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.) Note: This bit has no definition in 10Base-T mode. 7.12.7 Invalid Symbol (bit 17.7) The Invalid Symbol bit indicates to an STA the detection of an Invalid Symbol in a 100Base data stream by the ICS1893CF. When the ICS1893CF is receiving a packet, it examines each received Symbol to ensure the data is error free. If an error occurs, the port indicates this condition to the MAC by asserting the RXER signal. In addition, the ICS1893CF sets its Invalid Symbol bit to logic one. Therefore, if this bit is set to a logic: • Zero, it indicates an Invalid Symbol has not been detected since either the last read or reset of this register. • One, it indicates an Invalid Symbol was detected since either the last read or reset of this register. This bit is a latching high bit. (For more information on latching high and latching low bits, see Section 7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.) Note: This bit has no definition in 10Base-T mode. 7.12.8 Halt Symbol (bit 17.6) The Halt Symbol bit indicates to an STA the detection of a Halt Symbol in a 100Base data stream by the ICS1893CF. During reception of a valid packet, the ICS1893CF examines each symbol to ensure that the data being passed to the MAC Interface is error free. In addition, it looks for special symbols such as the Halt Symbol. If a Halt Symbol is encountered, the ICS1893CF indicates this condition to the MAC. If this bit is set to a logic: • Zero, it indicates a Halt Symbol has not been detected since either the last read or reset of this register. • One, it indicates a Halt Symbol was detected in the packet since either the last read or reset of this register. This bit is a latching high bit. (For more information on latching high and latching low bits, see Section 7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.) Note: This bit has no definition in 10Base-T mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |