Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CF Datasheet(PDF) 52 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 52 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 48Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 49Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 50Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 51Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 52Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 53Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 54Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 55Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 56Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
52
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.3.6 IEEE Reserved Bits (bits 1.10:7)
The IEEE reserves these bits for future use. When an STA:
Reads a reserved bit, the ICS1893CF returns a logic zero.
Writes a reserved bit, the STA must use the default value specified in this data sheet.
Both the ISO/IEC standard and the ICS1893CF reserve the use of some Management Register bits. ICS
uses some reserved bits to invoke ICS1893CF test functions. To ensure proper operation of the
ICS1893CF, an STA must maintain the default value of these bits. Therefore, ICS recommends that an STA
write the default value to all reserved bits during all Management Register write operations.
Reserved bits 1.10:7 are Command Override Write (CW) bits. When bit 16.15, the Command Register
Override bit, is logic:
Zero, the ICS1893CF prevents all STA writes to CW bits.
One, an STA can modify the value of these bits.
7.3.7 MF Preamble Suppression (bit 1.6)
Status Register bit 1.6 is the Management Frame (MF) Preamble Suppression bit. The ICS1893CF sets bit
1.6 to inform the STA of its ability to receive frames that do not have a preamble. When this bit is logic:
Zero, the ICS1893CF is indicating it cannot accept frames with a suppressed preamble.
One, the ICS1893CF is indicating it can accept frames that do not have a preamble.
Although the ICS1893CF supports Management Frame Preamble Suppression, its default value for bit 1.6
is logic zero. This default value ensures that bit 1.6 is backward compatible with the ICS1890, which does
not have this capability. As the means of enabling this feature, the ICS1893CF implements bit 1.6 as a
Command Override Write bit, instead of as a Read-Only bit as in the ICS1890. An STA uses the bit 1.6 to
enable MF Preamble Suppression in the ICS1893CF. [See the description of bit 16.15, the Command
Override Write Enable bit, in Section 7.11, “Register 16: Extended Control Register”.]
7.3.8 Auto-Negotiation Complete (bit 1.5)
An STA reads bit 1.5 to determine the state of the ICS1893CF auto-negotiation process. The ICS1893CF
sets the value of this bit using two criteria. When its Auto-Negotiation sublayer is:
Disabled, the ICS1893CF sets bit 1.5 to logic zero.
Enabled, the ICS1893CF sets bit 1.5 to a value based on the state of the Auto-Negotiation State
Machine. In this case, it sets bit 1.5 to logic one only upon completion of the auto-negotiation process.
This setting indicates to the STA that a link is arbitrated and the contents of Management Registers 4, 5,
and 6 are valid. For details on the auto-negotiation process, see Section 6.2, “Functional Block:
Auto-Negotiation”.
Bit 1.5 is a latching high (LH) bit. (For more information on latching high and latching low bits, see Section
7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
Note: An Auto-Negotiation Restart does not clear an LH bit. However, performing two consecutive reads
of this register provides the present state of the bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com