Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CF Datasheet(PDF) 25 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 25 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 21Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 22Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 23Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 24Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 25Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 26Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 27Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 28Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 29Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 126 page
background image
Chapter 6 Functional Blocks
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
25
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
6.1 Functional Block: Media Independent Interface
All ICS1893CF MII interface signals are fully compliant with the ISO/IEC 8802-3 standard. In addition, the
ICS1893CF MIIs can support two data transfer rates: 25 MHz (for 100Base-TX operations) and 2.5 MHz
(for 10Base-T operations).
The Media Independent Interface (MII) consists of two primary components:
1. An interface between a MAC (Media Access Control sublayer) and the PHY (that is, the ICS1893CF).
This MAC-PHY part of the MII consists of three subcomponents:
a. A synchronous Transmit interface that includes the following signals:
(1) A data nibble, TXD[3:0]
(2) A delimiter, TXEN
(3) A clock, TXCLK
b. A synchronous Receive interface that includes the followings signals:
(1) A data nibble, RXD[3:0]
(2) An error indicator, RXER
(3) A delimiter, RXDV
(4) A clock, RXCLK
c. A Media Status or Control interface that consists of a Carrier Sense signal (CRS) and a Collision
Detection signal (COL).
2. An interface between the PHY (the ICS1893CF) and an STA (Station Management entity). The
STA-PHY part of the MII is a two-wire, Serial Management Interface that consists of the following:
a. A clock (MDC)
b. A synchronous, bi-directional data signal (MDIO) that provides an STA with access to the
ICS1893CF Management Register set
The ICS1893CF Management Register set (discussed in Chapter 7, “Management Register Set”) consists
of the following:
Basic Management registers.
As defined in the ISO/IEC 8802-3 standard, these registers include the following:
– Control Register (register 0), which handles basic device configuration
– Status Register (register 1), which reports basic device capabilities and status
Extended Management registers.
As defined in the ISO/IEC 8802-3 standard, the ICS1893CF supports Extended registers that provide
access to the Organizationally Unique Identifier and all auto-negotiation functionality.
ICS (Vendor-Specific) Management registers.
The ICS1893CF provides vendor-specific registers for enhanced PHY operations. Among these is the
QuickPoll Detailed Status Register that provides a comprehensive and consolidated set of real-time PHY
information. Reading the QuickPoll register enables the MAC to obtain comprehensive status data with a
single register access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com