Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CF Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 10Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 11Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 12Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 13Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 14Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 15Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 16Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 17Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
14
Chapter 4 Operating Modes Overview
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
4.5 100Base-TX Operations
The ICS1893CF 100Base-TX mode provides 100Base-TX physical layer (PHY) services as defined in the
ISO/IEC 8802-3 standard. In the 100Base-TX mode, the ICS1893CF is a 100M translator between a MAC
and the physical transmission medium. As such, the ICS1893CF has two interfaces, both of which are fully
configurable: one to the MAC and one to the Link Segment. In 100Base-TX mode, the ICS1893CF
provides the following functions:
Data conversion from both parallel-to-serial and serial-to-parallel formats
Data encoding/decoding (4B/5B, NRZ/NRZI, and MLT-3)
Data scrambling/descrambling
Data transmission/reception over a twisted-pair medium
To accurately transmit and receive data, the ICS1893CF employs DSP-based wave shaping, adaptive
equalization, and baseline wander correction. In addition, in 100Base-TX mode, the ICS1893CF provides
a variety of control and status means to assist with Link Segment management. For more information on
100Base-TX, see Section 6.4, “Functional Block: 100Base-TX TP-PMD Operations”.
4.6 10Base-T Operations
The ICS1893CF 10Base-T mode provides 10Base-T physical layer (PHY) services as defined in the
ISO/IEC 8802-3 standard. In the 10Base-T mode, the ICS1893CF is a 10M translator between a MAC and
the physical transmission medium. In 10Base-T mode, the ICS1893CF provides the following functions:
Data conversion from both parallel-to-serial and serial-to-parallel formats
Manchester data encoding/decoding
Data transmission/reception over a twisted-pair medium
4.7 Half-Duplex and Full-Duplex Operations
The ICS1893CF supports half-duplex and full-duplex operations for both 10Base-T and 100Base-TX
applications. Full-duplex operation allows simultaneous transmission and reception of data, which
effectively doubles the Link Segment throughput to either 20 Mbps (for 10Base-T operations) or 200 Mbps
(for 100Base-TX operations).
As per the ISO/IEC standard, full-duplex operations differ slightly from half-duplex operations. These
differences are necessary, as during full-duplex operations a PHY actively uses both its transmit and
receive data paths simultaneously.
In 10Base-T full-duplex operations, the ICS1893CF disables its loopback function (that is, it does not
automatically loop back data from its transmitter to its receiver) and disables its SQE Test function.
In both 10Base-T and 100Base-TX full-duplex operations, the ICS1893CF asserts its CRS signal only in
response to receive activity while its COL signal always remains inactive.
For more information on half-duplex and full-duplex operations, see the following sections:
• Section 7.2, “Register 0: Control Register”
• Section 7.2.8, “Duplex Mode (bit 0.8)”
• Section 7.3, “Register 1: Status Register”
• Section 7.6, “Register 4: Auto-Negotiation Register”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com