Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CF Datasheet(PDF) 69 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 69 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 65Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 66Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 67Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 68Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 69Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 70Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 71Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 72Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 73Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 126 page
background image
Chapter 7 Management Register Set
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
69
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.11 Register 16: Extended Control Register
Table 7-16 lists the bits for the Extended Control Register, which the ICS1893CF provides to allow an STA
to customize the operations of the device.
Note:
1. For an explanation of acronyms used in Table 7-16, see Chapter 1, “Abbreviations and Acronyms”.
2. During any write operation to any bit in this register, the STA must write the default value to all
Reserved bits.
† The default is the state of this pin at reset.
Table 7-16. Extended Control Register (register 16 [0x10])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
16.15 Command Override Write
enable
Disabled
Enabled
RW
SC
0
16.14 ICS reserved
Read unspecified
Read unspecified
RW/0
0
16.13 ICS reserved
Read unspecified
Read unspecified
RW/0
0
16.12 ICS reserved
Read unspecified
Read unspecified
RW/0
0
16.11
ICS reserved
Read unspecified
Read unspecified
RW/0
0
16.10 PHY Address Bit 4
For a detailed explanation of this bit’s operation,
see Section 5.5, “Status Interface”.
RO
P4RD†
16.9
PHY Address Bit 3
For a detailed explanation of this bit’s operation,
see Section 5.5, “Status Interface”.
RO
P3TD†
16.8
PHY Address Bit 2
For a detailed explanation of this bit’s operation,
see Section 5.5, “Status Interface”.
RO
P2LI†
16.7
PHY Address Bit 1
For a detailed explanation of this bit’s operation,
see Section 5.5, “Status Interface”.
RO
P1CL†
16.6
PHY Address Bit 0
For a detailed explanation of this bit’s operation,
see Section 5.5, “Status Interface”.
RO
P0AC†
16.5
Stream Cipher Test Mode Normal operation
Test mode
RW
0
16.4
ICS reserved
Read unspecified
Read unspecified
RW/0
16.3
NRZ/NRZI encoding
NRZ encoding
NRZI encoding
RW
1
8
16.2
Transmit invalid codes
Disabled
Enabled
RW
0
16.1
ICS reserved
Read unspecified
Read unspecified
RW/0
0
16.0
Stream Cipher disable
Stream Cipher enabled Stream Cipher disabled
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com