Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5352 Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 30Page - PMC-Sierra, Inc PM5352 Datasheet HTML 31Page - PMC-Sierra, Inc PM5352 Datasheet HTML 32Page - PMC-Sierra, Inc PM5352 Datasheet HTML 33Page - PMC-Sierra, Inc PM5352 Datasheet HTML 34Page - PMC-Sierra, Inc PM5352 Datasheet HTML 35Page - PMC-Sierra, Inc PM5352 Datasheet HTML 36Page - PMC-Sierra, Inc PM5352 Datasheet HTML 37Page - PMC-Sierra, Inc PM5352 Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
30
Pin Name
Type
Pin
No.
Function
PRPA
Output
(POS)
N20
POS-PHY Polled multi-PHY Receive Packet
Available (PRPA) signal.
PRPA indicates when data is available in the polled
receive FIFO. When PRPA is high, the receive
FIFO has at least one end of packet or a predefined
number of bytes to be read (the number of bytes
might be user programmable). PRPA is low when
the receive FIFO fill level is below the assertion
threshold and the FIFO contains no end of packet.
PRPA allows to poll every PHY while transferring
data from the selected PHY.
PRPA is driven by a PHY layer device when its
address is polled on RADR[2:0]. A PHY layer device
shall tristate PRPA when either the null-PHY
address (0x7H) or an address not matching the
address set by the PHY_ADR[2:0] register bits is
provided on RADR[2:0].
PRPA is only available in POS-PHY packet-level
transfer mode, as selected by the POS_PLVL
register bit. PRPA is tristated in byte-level transfer
mode. PRPA is updated on the rising edge of
RFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com