Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5352 Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 48Page - PMC-Sierra, Inc PM5352 Datasheet HTML 49Page - PMC-Sierra, Inc PM5352 Datasheet HTML 50Page - PMC-Sierra, Inc PM5352 Datasheet HTML 51Page - PMC-Sierra, Inc PM5352 Datasheet HTML 52Page - PMC-Sierra, Inc PM5352 Datasheet HTML 53Page - PMC-Sierra, Inc PM5352 Datasheet HTML 54Page - PMC-Sierra, Inc PM5352 Datasheet HTML 55Page - PMC-Sierra, Inc PM5352 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
48
REG
#
Address
A[10:0]
Description
69
369
RXCP Corrected HCS Error Count
6A
36A
RXCP Uncorrected HCS Error Count
6B
36B
RXCP Received Cell Count LSB
6C
36C
RXCP Received Cell Count
6D
36D
RXCP Received Cell Count MSB
6E
36E
RXCP Idle Cell Count LSB
6F
36F
RXCP Idle Cell Count
70
370
RXCP Idle Cell Count MSB
71
371
Reserved
72
372
Reserved
73
373
Reserved
74
374
Reserved
75
375
Reserved
76
376
Reserved
77
377
Reserved
78
378
Reserved
79
379
Reserved
7A
37A
Reserved
7B
37B
Reserved
7C
37C
Reserved
7D
37D
Reserved
7E
37E
Reserved
7F
37F
Reserved
80
380
TXCP Configuration 1
81
381
TXCP Configuration 2
82
382
TXCP Transmit Cell Status
83
383
TXCP Interrupt Enable/Status
84
384
TXCP Idle Cell Header Control
85
385
TXCP Idle Cell Payload Control
86
386
TXCP Transmit Cell Counter LSB
87
387
TXCP Transmit Cell Counter
88
388
TXCP Transmit Cell Counter MSB
89
389
Reserved
8A
38A
Reserved
8B
38B
Reserved
8C
38C
Reserved
8D
38D
Reserved
8E
38E
Reserved
8F
38F
Reserved
90
390
S/UNI-STAR Channel Auto Line RDI Control
91
391
S/UNI-STAR Channel Auto Path RDI Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com