Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5352 Datasheet(PDF) 47 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 47 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 43Page - PMC-Sierra, Inc PM5352 Datasheet HTML 44Page - PMC-Sierra, Inc PM5352 Datasheet HTML 45Page - PMC-Sierra, Inc PM5352 Datasheet HTML 46Page - PMC-Sierra, Inc PM5352 Datasheet HTML 47Page - PMC-Sierra, Inc PM5352 Datasheet HTML 48Page - PMC-Sierra, Inc PM5352 Datasheet HTML 49Page - PMC-Sierra, Inc PM5352 Datasheet HTML 50Page - PMC-Sierra, Inc PM5352 Datasheet HTML 51Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
43
Pin Name
Type
Pin
No.
Function
AVD
Analog
Power
G4
A4
C4
H2
L4
J1
U2
M2
N4
Y3
AC4
AA4
L3
L1
The analog power (AVD) pins for the analog core.
AVD should be connected to analog +3.3V.
AVS
Analog
Ground
F3
A3
D5
H3
K3
K4
T4
N3
P1
W4
AC3
Y5
L2
M3
The analog ground (AVS) pins for the analog core.
AVS should be connected to analog GND.
Notes on Pin Description:
1. All S/UNI-STAR inputs and bi-directionals present minimum capacitive
loading and operate at TTL logic levels except: the SD, RXD+ and RXD-
inputs which operate at pseudo-ECL (PECL) logic levels
2. The RDAT[7:0], RPRTY, RSOC, REOP, RMOD, RERR, RCA, TCA,
TCLK and RCLK outputs have a 4 mA drive capability. The TXD+ and
TXD- outputs are met to be terminated in a passive network and interface
at PECL levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com