Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5352 Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 4Page - PMC-Sierra, Inc PM5352 Datasheet HTML 5Page - PMC-Sierra, Inc PM5352 Datasheet HTML 6Page - PMC-Sierra, Inc PM5352 Datasheet HTML 7Page - PMC-Sierra, Inc PM5352 Datasheet HTML 8Page - PMC-Sierra, Inc PM5352 Datasheet HTML 9Page - PMC-Sierra, Inc PM5352 Datasheet HTML 10Page - PMC-Sierra, Inc PM5352 Datasheet HTML 11Page - PMC-Sierra, Inc PM5352 Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
4
1.5
The SONET Transmitter
• Synthesizes the 155.52 MHz transmit clock from a 19.44 MHz
reference.
• Provides a differential TTL serial interface (can be adapted to PECL
levels) at 155.52 Mbit/s with both line rate data (TXD+/-) and clock
(TXC+/-).
• Provides a transmit frame pulse input to align the transport frames to a
system reference.
• Provides a transmit byte clock (divide by eight of the synthesized line
rate clock) to provide a timing reference for the transmit outputs.
• Optionally inserts register programmable APS (K1, K2) and
synchronization status (S1) bytes.
• Optionally inserts path alarm indication signal (PAIS), path remote
defect indication (PRDI), line alarm indication signal (LAIS) and line
remote defect indication (LRDI).
• Inserts path BIP-8 codes (B3), path far end block error (G1)
indications, line BIP-24 codes (B2), line far end block error (M1)
indications, and section BIP-8 codes (B1) to allow performance
monitoring at the far end.
• Optionally inserts the section and line data communication channels
(D1-D3 or D4-12) via a 192 kbit/s (D1-D3) and 576 kbit/s (D4-D12)
serial stream.
• Optionally inserts the 16 or 64 byte section trace (J0) sequence and
the 16 or 64 byte path trace (J1) sequence from internal register
banks.
• Scrambles the transmitted STS-3c (STM-1) stream and inserts the
framing bytes (A1,A2).
• Inserts ATM cells or POS frames into the transmitted STS-3c (STM-1)
synchronous payload envelope.
1.6
The Transmit ATM Processor
• Provides idle/unassigned cell insertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com