Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5352 Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 2Page - PMC-Sierra, Inc PM5352 Datasheet HTML 3Page - PMC-Sierra, Inc PM5352 Datasheet HTML 4Page - PMC-Sierra, Inc PM5352 Datasheet HTML 5Page - PMC-Sierra, Inc PM5352 Datasheet HTML 6Page - PMC-Sierra, Inc PM5352 Datasheet HTML 7Page - PMC-Sierra, Inc PM5352 Datasheet HTML 8Page - PMC-Sierra, Inc PM5352 Datasheet HTML 9Page - PMC-Sierra, Inc PM5352 Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
2
• Industrial temperature range (-40°C to +85°C).
• 304 pin Super BGA package.
1.2
The SONET Receiver
• Provides a serial interface at 155.52 Mbit/s.
• Recovers the clock and data.
• Frames to and de-scrambles the recovered stream.
• Detects signal degrade (SD) and signal fail (SF) threshold crossing
alarms based on received B2 errors.
• Captures and debounces the synchronization status (S1) byte in a
readable register.
• Filters and captures the automatic protection switch channel (K1, K2)
bytes in readable registers and detects APS byte failure.
• Counts received section BIP-8 (B1) errors, received line BIP-24 (B2)
errors, line far end block errors (FEBE), and received path BIP-8 (B3)
errors and path far end block errors (FEBE).
• Detects loss of signal (LOS), out of frame (OOF), loss of frame (LOF),
line alarm indication signal (LAIS), line remote defect indication (LRDI),
loss of pointer (LOP), path alarm indication signal (PAIS), path remote
defect indication (PRDI) and path extended remote defect indicator
(PERDI).
• Extracts the section and line data communication channels (D1-D3
and D4-12) as selected in internal register banks and serializes them
at 192 Kbit/s (D1-D3) and 576 Kbit/s (D4-D12) for optional external
processing.
• Extracts the 16 or 64 byte section trace (J0) sequence and the 16 or
64 byte path trace (J1) sequence into internal register banks.
• Interprets the received payload pointer (H1, H2) and extracts the STS-
3c (STM-1) synchronous payload envelope and path overhead.
• Provides a divide by 8 recovered clock (19.44 MHz).
• Provides a 8KHz receive frame pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com