Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5352 Datasheet(PDF) 18 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 18 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 14Page - PMC-Sierra, Inc PM5352 Datasheet HTML 15Page - PMC-Sierra, Inc PM5352 Datasheet HTML 16Page - PMC-Sierra, Inc PM5352 Datasheet HTML 17Page - PMC-Sierra, Inc PM5352 Datasheet HTML 18Page - PMC-Sierra, Inc PM5352 Datasheet HTML 19Page - PMC-Sierra, Inc PM5352 Datasheet HTML 20Page - PMC-Sierra, Inc PM5352 Datasheet HTML 21Page - PMC-Sierra, Inc PM5352 Datasheet HTML 22Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
14
6.2
Section and Line Status DCC Signals
Pin Name
Type
Pin
No.
Function
RSD
Output
AB18
The receive section DCC (RSD) signal contains the
section data communications channel (D1-D3)
RSDCLK
Output
AC21
The receive section DCC clock (RSDCLK) is used
to clock out the section DCC.
RSDCLK is a 192 kHz clock used to update the
RSD output. RSDCLK is generated by gapping a
216 kHz clock.
TSD
Input
AB7
The transmit section DCC (TSD) signal contains the
section data communications channel (D1-D3).
TSD is sampled on the rising edge of TSDCLK.
TSDCLK
Output
AA10
The transmit section DCC clock (TSDCLK) is used
to clock in the section DCC.
TSDCLK is a 192 kHz clock used to sample the
TSD input. TSDCLK is generated by gapping a 216
kHz clock.
RLD
Output
AA16
The receive line DCC (RLD) signal contains the line
data communications channel (D4-D12).
RLDCLK
Output
AB19
The receive line DCC clock (RLDCLK) is used to
clock out the line DCC.
RLDCLK is a 576 kHz clock used to update the
RLD output. RLDCLK is generated by gapping a
2.16 MHz clock.
TLD
Input
AA9
The transmit line DCC (TLD) signal contains the
line data communications channel (D4-D12).
TLD is sampled on the rising edge of TLDCLK.
TLDCLK
Output
AA11
The transmit line DCC clock (TLDCLK) is used to
clock in the line DCC.
TLDCLK is a 576 kHz clock used to sample the
TLD input. TLDCLK is generated by gapping a 2.16
MHz clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com