Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5352 Datasheet(PDF) 20 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 20 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 16Page - PMC-Sierra, Inc PM5352 Datasheet HTML 17Page - PMC-Sierra, Inc PM5352 Datasheet HTML 18Page - PMC-Sierra, Inc PM5352 Datasheet HTML 19Page - PMC-Sierra, Inc PM5352 Datasheet HTML 20Page - PMC-Sierra, Inc PM5352 Datasheet HTML 21Page - PMC-Sierra, Inc PM5352 Datasheet HTML 22Page - PMC-Sierra, Inc PM5352 Datasheet HTML 23Page - PMC-Sierra, Inc PM5352 Datasheet HTML 24Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
16
Pin Name
Type
Pin
No.
Function
TPRTY
Input
(ATM)
H22
UTOPIA Transmit bus parity (TPRTY) signal.
The transmit parity (TPRTY) signal indicates the
parity of the TDAT[15:0] bus. A parity error is
indicated by a status bit and a maskable interrupt.
Cells with parity errors are inserted in the transmit
stream, so the TPRTY input may be unused. Odd
or even parity selection is made using the RXPTYP
register bit.
TPRTY is considered valid only when TENB is
simultaneously asserted and the S/UNI-STAR is
selected via TADR[2:0].
TPRTY is sampled on the rising edge of TFCLK.
TPRTY
Input
(POS)
H22
POS-PHY Transmit bus parity (TPRTY) signal.
The transmit parity (TPRTY) signal indicates the
parity of the TDAT[15:0] bus. A parity error is
indicated by a status bit and a maskable interrupt.
Packets with parity errors are inserted in the
transmit stream, so the TPRTY input may be
unused. Odd or even parity selection is made using
the RXPTYP register bit. TPRTY is considered valid
only when TENB is simultaneously asserted and
the S/UNI-STAR is selected via TADR[2:0].
TPRTY is sampled on the rising edge of TFCLK
TSOC
Input
(ATM)
J21
UTOPIA Transmit Start of Cell (TSOC) signal.
The transmit start of cell (TSOC) signal marks the
start of cell on the TDAT bus. When TSOC is high,
the first word of the cell structure is present on the
TDAT bus. It is not necessary for TSOC to be
present for each cell. An interrupt may be
generated if TSOC is high during any word other
than the first word of the cell structure.
TSOC is considered valid only when TENB is
simultaneously asserted and the S/UNI-STAR is
selected via TADR[2:0].
TSOC is sampled on the rising edge of TFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com