Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5352 Datasheet(PDF) 57 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 57 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 53Page - PMC-Sierra, Inc PM5352 Datasheet HTML 54Page - PMC-Sierra, Inc PM5352 Datasheet HTML 55Page - PMC-Sierra, Inc PM5352 Datasheet HTML 56Page - PMC-Sierra, Inc PM5352 Datasheet HTML 57Page - PMC-Sierra, Inc PM5352 Datasheet HTML 58Page - PMC-Sierra, Inc PM5352 Datasheet HTML 59Page - PMC-Sierra, Inc PM5352 Datasheet HTML 60Page - PMC-Sierra, Inc PM5352 Datasheet HTML 61Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
53
Register 0x01: S/UNI-STAR Master Configuration
Bit
Type
Function
Default
Bit 7
R/W
PECLV
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
TXC_OE
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
1
Bit 0
R/W
Reserved
1
TXC_OE:
The differential line rate clock output enable (TXC_OE). TXC_OE
enables the TXC+/- outputs. When TXC_OE is set to logic zero TXC+/-
is not active (high impedance). When TXC_OE is set to logic one,
TXC+/- provides a line rate clock output.
PECLV:
The PECL receiver input voltage (PECLV) bit configures the PECL
receiver level shifter. When PECLV is set to logic zero, the PECL
receivers are configured to operate with a 3.3V input voltage. When
PECLV is set to logic one, the PECL receivers are configured to
operate with a 5.0V input voltage.
Reserved:
The reserved bits must be programmed to their default value proper
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com