Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5352 Datasheet(PDF) 19 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 19 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 15Page - PMC-Sierra, Inc PM5352 Datasheet HTML 16Page - PMC-Sierra, Inc PM5352 Datasheet HTML 17Page - PMC-Sierra, Inc PM5352 Datasheet HTML 18Page - PMC-Sierra, Inc PM5352 Datasheet HTML 19Page - PMC-Sierra, Inc PM5352 Datasheet HTML 20Page - PMC-Sierra, Inc PM5352 Datasheet HTML 21Page - PMC-Sierra, Inc PM5352 Datasheet HTML 22Page - PMC-Sierra, Inc PM5352 Datasheet HTML 23Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
15
6.3
ATM (UTOPIA) and Packet over SONET (POS-PHY) System Interface
Pin Name
Type
Pin
No.
Function
TDAT[15]
TDAT[14]
TDAT[13]
TDAT[12]
TDAT[11]
TDAT[10]
TDAT[9]
TDAT[8]
TDAT[7]
TDAT[6]
TDAT[5]
TDAT[4]
TDAT[3]
TDAT[2]
TDAT[1]
TDAT[0]
Input
(ATM)
A20
C19
B20
A21
D19
C20
D21
E20
C23
D22
E21
D23
E22
F21
G20
E23
UTOPIA Transmit Cell Data Bus (TDAT[15:0]).
This data bus carries the ATM cell octets that are
written to the selected transmit FIFO. TDAT[15:0] is
considered valid only when TENB is simultaneously
asserted and the S/UNI-STAR is selected via
TADR[2:0].
TDAT[15:0] is sampled on the rising edge of
TFCLK.
TDAT[15]
TDAT[14]
TDAT[13]
TDAT[12]
TDAT[11]
TDAT[10]
TDAT[9]
TDAT[8]
TDAT[7]
TDAT[6]
TDAT[5]
TDAT[4]
TDAT[3]
TDAT[2]
TDAT[1]
TDAT[0]
Input
(POS)
A20
C19
B20
A21
D19
C20
D21
E20
C23
D22
E21
D23
E22
F21
G20
E23
POS-PHY Transmit Packet Data Bus (TDAT[15:0]).
This data bus carries the POS packet octets that
are written to the selected transmit FIFO.
TDAT[15:0] is considered valid only when TENB is
simultaneously asserted and the S/UNI-STAR is
selected via TADR[2:0].
TDAT[15:0] is sampled on the rising edge of
TFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com