Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 198 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 198 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 194Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 195Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 196Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 197Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 198Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 199Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 200Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 201Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 202Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
186
4
Unused
TS#9
-
TS#10
-
TS#11
-
TS#12
-
5
Unused
TS#13
-
TS#14
-
TS#15
-
TS#16
-
6
Unused
TS#17
-
TS#18
-
TS#19
-
TS#20
-
7
Unused
TS#21
-
TS#22
-
TS#23
-
TS#24
-
8
Unused
TS#25
-
TS#26
-
TS#27
-
TS#28
-
9
Unused
TS#29
-
TS#30
-
TS#31
-
R
-
1
Unused
V4
V4
R
-
PP
-
TS#0
-
2
Unused
TS#1
-
TS#2
-
TS#3
-
TS#4
-
3
Unused
TS#5
-
TS#6
-
TS#7
-
TS#8
-
4
Unused
TS#9
-
TS#10
-
TS#11
-
TS#12
-
5
Unused
TS#13
-
TS#14
-
TS#15
-
TS#16
-
6
Unused
TS#17
-
TS#18
-
TS#19
-
TS#20
-
7
Unused
TS#21
-
TS#22
-
TS#23
-
TS#24
-
8
Unused
TS#25
-
TS#26
-
TS#27
-
TS#28
-
9
Unused
TS#29
-
TS#30
-
TS#31
-
R
-
When using channel associated signaling (CAS) TS#16 carries the ABCD
signaling bits and the timeslots 17 through 31 are renumbered 16 through 30.
The PP octet is 0h for all frames except for the frame which carries the CAS for
timeslots 15/30 at which time the PP octet is C0h. The first octet of the CAS
multi-frame, RRRRRRRR, is reserved and should be ignored by the receiver
when CAS signaling is enabled. Table 30 shows the format of timeslot 16 when
carrying channel associated signaling.
Table 30
- E1 Channel Associated Signaling bits
TS#16[0:3]
TS#16[4:7]
PP
RRRR
RRRR
00
ABCD1
ABCD16
00
ABCD2
ABCD17
00
ABCD3
ABCD18
00
ABCD4
ABCD19
00
ABCD5
ABCD20
00
ABCD6
ABCD21
00
ABCD7
ABCD22
00
ABCD8
ABCD23
00
ABCD9
ABCD24
00
ABCD10
ABCD25
00
ABCD11
ABCD26
00
ABCD12
ABCD27
00
ABCD13
ABCD28
00
ABCD14
ABCD29
00
ABCD15
ABCD30
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com