Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 200 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 200 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 196Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 197Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 198Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 199Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 200Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 201Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 202Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 203Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 204Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
188
DS3 information bits. Table 33 shows the DS3 multi-frame format that is packed
into the grey region of Table 31. In this table V5 indicates the V5 octet which is
also a stuff octet, R indicates a stuff octet and B indicates the 11 octet DS3
block. Each row in Table 33 is a DS3 multi-frame. The DS3 multi-frame stuffing
format is identical for 5 multi-frames and then an extra stuff octet after the V5
octet is added every sixth frame.
Table 32
- DS3 Block Format
Octet #
1
2
3456
789
10
11
Data
RRRFIIII
8*I
8*I
8*I
8*I
8*I
8*I
8*I
8*I
8*I
8*I
Table 33
- DS3 Multi-frame Stuffing Format
V5
4*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
V5
4*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
V5
4*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
V5
4*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
V5
4*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
V5
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
5*R
8*B
DS3 asynchronous timing is compensated via the H3 octet. DS3 link rate
adjustments are optionally passed across the SBI via the Linkrate octet. DS3
alarm conditions are optionally passed across the SBI bus via the Linkrate octet.
E3 Tributary Mapping
Table 34 shows a E3 tributary mapped within the first synchronous payload
envelope SPE1. The V5 indicator pulse identifies the V5 octet. The E3 framing
format does not follow an 8KHz frame period so the floating frame located by the
V5 indicator and shown in grey in Table 34, will jump around relative to the H1
frame on every pass. In fact the V5 indicator will be asserted two or three times
per H1 frame, as is shown by the second and third V5 octet in Table 34. The V5
indicator and payload signals indicate negative and positive rate adjustments
which are carried out by either putting a data byte in the H3 octet or leaving
empty the octet after the H3 octet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com