Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 199 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 199 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 195Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 196Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 197Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 198Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 199Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 200Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 201Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 202Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 203Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
187
E1 tributary asynchronous timing is compensated via the V3 octet. E1 tributary
link rate adjustments are optionally passed across the SBI via the V4 octet. E1
tributary alarm conditions are optionally passed across the SBI bus via the link
rate octet in the V4 location.
In synchronous mode the E1 tributary mapping is fixed to that shown in Table 29
and rate justifications are not possible using the V3 octet. The clock rate
information within the link rate octet in the V4 location is not used in synchronous
mode.
DS3 Tributary Mapping
Table 31 shows a DS3 tributary mapped within the first synchronous payload
envelope SPE1. The V5 indicator pulse identifies the V5 octet. The DS3 framing
format does not follow an 8KHz frame period so the floating DS3 multi-frame
located by the V5 indicator, shown in heavy border grey region in Table 31, will
jump around relative to the H1 frame on every pass. In fact the V5 indicator will
often be asserted twice per H1 frame, as is shown by the second V5 octet in
Table 31. The V5 indicator and payload signals indicate negative and positive
rate adjustments which are carried out by either putting a data byte in the H3
octet or leaving empty the octet after the H3 octet.
Table 31
- DS3 Framing Format
SPE
COL #
DS3
1
DS3
2-56
DS3
57
DS3
58-84
DS3
Col 85
ROW
SBI COL#
1,4,7,10
13
16
•••
•••
•••
•••
184
•••
•••
•••
•••
268
1
Unused
H1
V5
DS3
DS3
DS3
DS3
2
Unused
H2
DS3
DS3
DS3
DS3
DS3
3
Unused
H3
DS3
DS3
DS3
DS3
DS3
4
Unused Linkrate
DS3
DS3
DS3
DS3
DS3
5
Unused
Unused
DS3
DS3
DS3
DS3
DS3
6
Unused
Unused
DS3
DS3
DS3
DS3
DS3
7
Unused
Unused
DS3
DS3
DS3
DS3
DS3
8
Unused
Unused
DS3
DS3
V5
DS3
DS3
9
Unused
Unused
DS3
DS3
DS3
DS3
DS3
Because the DS3 tributary rate is less than the rate of the grey region, padding
octets are interleaved with the DS3 tributary to make up the difference in rate.
Interleaved with every DS3 multi-frame are 35 stuff octets, one of which is the
V5 octet. These 35 stuff octets are spread evenly across seven DS3 subframes.
Each DS3 subframe is eight blocks of 85 bits. The 85 bits making up a DS3
block are padded out to be 11 octets. Table 32 shows the DS3 block 11 octet
format where R indicates a stuff bit, F indicates a DS3 framing bit and I indicates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com