Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 234 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 234 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 230Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 231Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 232Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 233Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 234Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 235Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 236Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 237Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 238Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
222
14
ABSOLUTE MAXIMUM RATINGS
Maximum rating are the worst case limits that the device can withstand without
sustaining permanent damage. They are not indicative of normal mode operation
conditions.
Table 38
- Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Case Temperature under Bias
-40 to +85
°C
Storage Temperature
TST
-40 to +125
°C
Supply Voltage
VDD1.8
-0.3 to + 3.6
VDC
Supply Voltage
VDD3.3
-0.3 to + 5.5
VDC
Voltage on Any Pin
VIN
-0.3 to 5.5
VDC
Static Discharge Voltage
±1000
V
Latch-Up Current
±100
mA
DC Input Current
IIN
±20
mA
Lead Temperature
+230
°C
Junction Temperature
TJ
+150
°C
Notes on Power Supplies:
1. VDD3.3 should power up before VDD1.8.
2. VDD3.3 should not be allowed to drop below the VDD1.8 voltage level except
when VDD1.8 is not powered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com