Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 236 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 236 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 232Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 233Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 234Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 235Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 236Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 237Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 238Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 239Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 240Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
224
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOH
Output or
Bidirectional High
Voltage
2.4
VDD3.
3
Volts
VDD = min,
IOH = -4mA for D[7:0], LAOE,
RECVCLK1, RECVCLK2,
RECVCLK3, TCLK, TPOS/TDAT,
TNEG/TMFP, RGAPCLK/RSCLK,
RDATAO, RFPO/RMFPO, ROVRHD,
TFPO/TMFPO/TGAPCLK, SBIACT,
IOH = -8mA for SDDATA[7:0], SDDP,
SDPL, SDV5, SAJUST_REQ,
SDC1FP, LAC1J1V1, LADATA[7:0],
LADP, LAPL,
IOH = -2mA for others.
Note 3
VT+
Reset Input High
Voltage
2.0
Volts
TTL Schmidt
VT-
Reset Input Low
Voltage
0.8
Volts
VTH
Reset Input
Hysteresis Voltage
TBD
Volts
IILPU
Input Low Current
+20
+100
µA
VIL = GND. Notes 1, 3
IIHPU
Input High Current
-10
+10
µA
VIH = VDD. Notes 1, 3
IIL
Input Low Current
-10
+10
µA
VIL = GND. Notes 2, 3
IIH
Input High Current
-10
+10
µA
VIH = VDD. Notes 2, 3
CIN
Input Capacitance
5
pF
Excluding Package, Package
Typically 2 pF
COUT
Output
Capacitance
5
pF
Excluding Package, Package
Typically 2 pF
CIO
Bidirectional
Capacitance
5
pF
Excluding Package, Package
Typically 2 pF
IDDOP
Operating Current
300
5
450
mA
VDD1.8 = 1.94V
VDD3.3 = 3.56 V
Outputs Unloaded,
Telecom to SBI mode
Notes on D.C. Characteristics:
1. Input pin or bi-directional pin with internal pull-up resistor.
2. Input pin or bi-directional pin without internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com