Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 238 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 238 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 234Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 235Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 236Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 237Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 238Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 239Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 240Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 241Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 242Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
226
16
MICROPROCESSOR INTERFACE TIMING CHARACTERISTICS
(TA = -40°C to +85°C, VDD3.3 = 3.3V ±8%, VDD1.8 = 1.8V ±8%)
Table 40
- Microprocessor Interface Read Access
Symbol Parameter
Min
Max Units
tSAR
Address to Valid Read Set-up Time
10
ns
tHAR
Address to Valid Read Hold Time
5
ns
tSALR
Address to Latch Set-up Time
10
ns
tHALR
Address to Latch Hold Time
10
ns
tVL
Valid Latch Pulse Width
20
ns
tSLR
Latch to Read Set-up
0
ns
tHLR
Latch to Read Hold
5
ns
tPRD
Valid Read to Valid Data Propagation
Delay
30
ns
tZRD
Valid Read Negated to Output Tri-state
20
ns
tZINTH
Valid Read Negated to Output Tri-state
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com