Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7375-SC Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 30Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 31Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 32Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 33Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 34Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 35Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 36Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 37Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
18
RRDENB
Output
108
The active low receive read enable (RRDENB) signal's
function is configured using input RXPHYBP.
When RXPHYBP is set high, the LASAR-155's
SONET physical layer blocks are bypassed and
RRDENB is used to initiate reads from an external
FIFO associated with a physical layer device (eg. the
PMC SUNI-PDH device). When RRDENB is set low
and RFIFOEB is sampled high on a rising edge of
SYSCLK, a cell byte is sampled on the RDAT[7:0] bus
on the next rising edge of SYSCLK. If RRDENB is set
high on the rising edge of SYSCLK, a cell byte is not
sampled on the next rising edge of SYSCLK.
RRDENB is updated on the rising edge of SYSCLK.
When RXPHYBP is set low, the LASAR-155 operates
normally with the integrated STS-3c (STM-1) or STS-1
PHY. When RRDENB is set low on the rising edge of
SYSCLK, the data on the RDAT[7:0] bus is valid. When
RRDENB is set high on the rising edge of SYSCLK,
the data on the RDAT[7:0] bus is not valid. RRDENB
is updated on the rising edge of SYSCLK.
RSOC
I/O
107
The receive start of cell (RSOC) signal's function is
configured using input RXPHYBP.
When RXPHYBP is set high, RSOC becomes an input
and is expected to mark the start of cell on the
RDAT[7:0] bus. For this mode of operation, RSOC is
sampled using the rising edge of SYSCLK.
When RXPHYBP is set low, RSOC becomes an output
and marks the start of cell on the RDAT[7:0] bus. For
this mode of operation, RSOC is updated on the rising
edge of SYSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com