Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7375-SC Datasheet(PDF) 43 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 43 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 39Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 40Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 41Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 42Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 43Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 44Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 45Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 46Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 47Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
27
IRDYB
I/O
30
The active low initiator ready (IRDYB) signal is used to
indicate whether the initiator is ready to start or
continue a transaction. IRDYB works in conjunction
with TRDYB to complete transaction data phases.
When IRDYB is high and a transaction is in progress,
the initiator could not complete the current data phase
and is forcing a wait state. When IRDYB is low and a
transaction is in progress, the initiator has completed
the current data phase. Note, whether the data phase
is completed or not depends on the target's ready
signal TRDYB.
When the LASAR-155 is the initiator, IRDYB is an
output.
When the LASAR-155 is the target, IRDYB is an input.
When the LASAR-155 is not involved in the current
transaction, IRDYB is tri-stated.
IRDYB is updated on the rising edge of PCICLK or
sampled using the rising edge of PCICLK depending
on whether it is an output or an input.
STOPB
I/O
33
The active low stop (STOPB) signal is used by a target
to request the initiator to stop the current bus
transaction. When STOPB is high, the initiator
continues with the transaction. When STOPB is low,
the initiator should stop the current transaction.
When the LASAR-155 is the initiator, STOPB is an
input. If STOPB is sampled low, the LASAR-155
terminates the current transaction in the next PCICLK
cycle.
When the LASAR-155 is the target, STOPB is an
output. As a target, the LASAR-155 only issues
transaction stop requests when its internal bus latency
buffers are in a near overflow state.
When the LASAR-155 is not involved in the current
transaction, STOPB is tri-stated.
STOPB is updated on the rising edge of PCICLK or
sampled using the rising edge of PCICLK depending
on whether it is an output or an input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com