Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7375-SC Datasheet(PDF) 56 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 56 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 52Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 53Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 54Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 55Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 56Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 57Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 58Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 59Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 60Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
40
Notes on Pin Description:
1.
All LASAR-155 inputs and bidirectionals present minimum capacitive loading
and operate at TTL logic levels, with the exception of RXPHYBP and TXPHYBP
I/O which are CMOS.
2.
Most LASAR-155 digital outputs and bidirectionals have 4 mA drive capability,
except the PCICLKO, TXD+ and TXD- outputs which have 8 mA drive
capability; and the PCI outputs which have standard PCI drive capability.
3.
Inputs RSTB, ROMP, TMS, TDI and TRSTB have internal pull-up resistors.
4.
The VSS_DC, VSS_AC, TXVSS, TAVS and RAVS ground pins are not
internally connected together. Failure to connect these pins externally may
cause malfunction or damage to the LASAR-155.
5.
The VDD_DC , VDD_AC, TXVDD, TAVD and RAVD power pins are not
internally connected together. Failure to connect these pins externally may
cause malfunction or damage to the LASAR-155.
6.
The TAVD[3:1] and RAVD[4:1] pins provide power to sensitive analog circuitry
in the LASAR-155. These signals should be connected to the PCB VDD power
plane at a point where the supply is clean and as free as possible of digitally
induced switching noise. In a typical system, TAVD and RAVD should be
"starred" back to a clean reference point on the PCB, for example at the card
edge connector where the system VDD enters the PCB. In some systems a
clean VDD supply cannot be readily obtained, and RAVD and TAVD may
require separate regulation.
7.
Each TAVD and RAVD pin should be separately decoupled using ceramic
decoupling capacitors located as close as possible to the LASAR-155.
8.
The TAVS[3:1] and RAVS[4:1] pins provide the ground return path for sensitive
analog circuitry in the LASAR-155. These signals should be connected to the
PCB ground plane at a point where the ground is clean and as free as possible
of digital return currents. In a typical system, TAVS and RAVS should be
"starred" back to a clean reference point on the PCB, for example at the card
edge connector where the system ground reference enters the PCB.
9.
Do not exceed 100 mA of current on any pin during the power-up or power-
down sequence. Refer to the Power Sequencing description in the Operations
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com