Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7375-SC Datasheet(PDF) 65 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 65 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 61Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 62Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 63Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 64Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 65Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 66Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 67Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 68Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 69Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
49
Cell copying is only supported if the LASAR-155's receive Multipurpose Port is
enabled to source cells using input RXPHYBP. If enabled as a cell source, cell
copying to the Multipurpose Port can be based on the VPI/VCI code and/or PTI
codepoints.
9.4.2 AAL Layer Processing
AAL Layer processing includes Common Part Convergence Sublayer AAL Type 5
Protocol Data Unit (CPAAL5_PDU) reassembly and verification. In addition, a
mechanism for smooth reassembly startup and smooth reassembly shutdown is
provided.
The RALP performs CPAAL5_PDU reassembly by associating cells with the same
VPI/VCI code with a CPAAL5_PDU. The normal indication of the end of a
CPAAL5_PDU is provided using a PTI codepoint while the start of a CPAAL5_PDU
is implicit based on the previous CPAAL5_PDU end indication. When a VC is first
provisioned for reception and a cell for the VC arrives, the RALP starts to
reassemble a CPAAL5_PDU. As additional cells of a CPAAL5_PDU are received,
the RALP continues to accumulate cells for a given CPAAL5_PDU until the
CPAAL5_PDU is terminated either normally or abnormally through an exception.
Reassembly is facilitated using the PCI DMA Controller (PCID) block.
Normal termination of a CPAAL5_PDU results from the reception of a cell with the
appropriate PTI codepoint and valid CPAAL5_PDU Length, Control and CRC-32
fields. The CRC-32 polynomial used is:
x32+x26+x23+x22+x16+x12+x11+x10+x8+x7+x5+x4+x2+x+1.
Abnormal termination of a CPAAL5_PDU can result from either CPAAL5_PDU
length exceptions, Control field exceptions or CRC-32 exceptions. Length
exceptions can result from either the receive CPAAL5_PDU LENGTH field not
matching the received number of CPAAL5_SDU octets, the receive CPAAL5_PDU
LENGTH field equal to zero (indicating a forward abort) or the received
CPAAL5_PDU exceeding the maximum CPAAL5_PDU size. If the current
CPAAL5_PDU under reassembly exceeds the maximum CPAAL5_PDU size, the
CPAAL5_PDU is terminated and all additional cells received are dropped until the
last cell of the CPAAL5_PDU is received. The maximum CPAAL5_PDU size can be
user programmed. Control field exceptions result when the received CPAAL5_PDU
CPI field is non zero. A CRC-32 exception results when the calculated CRC-32 over
the received CPAAL5_PDU does not produce the expected residue.
The RALP block also provides smooth reassembly shut down. Through user
control, the RALP can be configured to either stop reassembly on all VCs
immediately or after the active CPAAL5_PDU has been reassembled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com