Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7375-SC Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 65Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 66Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 67Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 68Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 69Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 70Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 71Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 72Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
53
empty. In this way, the maximum burst is defined by the selectable bucket capacity.
When the bucket is empty, transmission continues at the SCR or the rate of token
generation.
9.7.3 CBRC Support
VBR VCs are subject to both PCR and SCR traffic shaping as described above.
However in addition to PCR and SCR shaping, for VCs that are subjected to CBRC,
the TATS maintains an aggregate credit count to allow the network to back pressure
transmission.
A user programmable number of credits are issues by the network using the second
most significant bit of the GFC field in the cell flow from the network to the
LASAR-155 device. After each cell transmission for a CBRC VC, the TATS
decrements the credit count. Cell transmission for all CBRC VCs continues until the
credit supply is exhausted at which point the TATS suspends transmission of all
VCs subjected to CBRC until the network issues more credits.
9.8
Transmit ATM and Adaptation Layer Cell Processor
The Transmit ATM and Adaptation Layer Cell Processor (TALP) performs ATM layer
and AAL (Type 5) layer processing. Please refer to the Operations Section for the
ATM header fields and the AAL-5 protocol data unit structures.
9.8.1 AAL Layer Processing
The TALP block performs packet segmentation with the help of the TATS and PCID
blocks. As described above, the TATS block schedules when cells from a
CPAAL5_PDU under segmentation should be sent. The PCID block actually
performs the segmentation and retrieves the packet's bytes from the host packet
memory. The TALP block aids in segmentation by calculating the CPAAL5_PDU's
CRC-32 field and adding the CPAAL5_PDU CRC-32 field to form the entire
CPAAL5_PDU. The CRC-32 polynomial used is:
x32+x26+x23+x22+x16+x12+x11+x10+x8+x7+x5+x4+x2+x+1.
9.8.2 ATM Layer Processing
ATM Layer processing includes generating the GFC, VPI, VCI, PTI, CLP fields and
optionally generating the CRC-10 field for each cell transmitted. In addition, the
TALP provides the ability to multiplex cells in from the Multipurpose Port and to
enforce an aggregate peak cell rate (APCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com