Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7375-SC Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 38Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 39Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 40Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 41Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 42Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 43Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 44Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 45Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
26
FRAMEB
I/O
29
The active low cycle frame (FRAMEB) is used to
identify a transaction cycle. When FRAMEB
transitions low, the start of a bus transaction is
indicated. FRAMEB remains low to define the
duration of the cycle. When FRAMEB transitions high,
the last data phase of the current transaction is
indicated.
When the LASAR-155 is the initiator, FRAMEB is an
output.
When the LASAR-155 is the target, FRAMEB is an
input.
When the LASAR-155 is not involved in the current
transaction, FRAMEB is tri-stated.
FRAMEB is updated on the rising edge of PCICLK or
sampled using the rising edge of PCICLK depending
on whether it is an output or an input.
TRDYB
I/O
31
The active low target ready (TRDYB) signal is used to
indicate whether the target is ready to start or continue
a transaction. TRDYB works in conjunction with
IRDYB to complete transaction data phases. When
TRDYB is high and a transaction is in progress, the
target could not complete the current data phase and
is forcing a wait state. When TRDYB is low and a
transaction is in progress, the target has completed
the current data phase. Note, whether the data phase
is completed or not depends on the initiator's ready
signal IRDYB.
When the LASAR-155 is the initiator, TRDYB is an
input.
When the LASAR-155 is the target, TRDYB is an
output. It is expected that for LASAR-155 register
accesses, TRDYB will be used to extend data phases
to multiple PCICLK cycles.
When the LASAR-155 is not involved in the current
transaction, TRDYB is tri-stated.
TRDYB is updated on the rising edge of PCICLK or
sampled using the rising edge of PCICLK depending
on whether it is an output or an input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com