Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7375-SC Datasheet(PDF) 44 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 44 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 40Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 41Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 42Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 43Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 44Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 45Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 46Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 47Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 48Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
28
IDSEL
Input
12
The initialization device select (IDSEL) signal is used
as the chip select during PCI configuration register
reads and writes. When high during the address
phase of a transaction with the C/BEB[3:0] code
indicating a register read or write, the LASAR-155
assumes a PCI configuration register transaction. In
response, the LASAR-155 asserts the DEVSELB
signal in the subsequent PCICLK period.
IDSEL is sampled using the rising edge of PCICLK.
DEVSELB
I/O
32
The device select (DEVSELB) signal is forced low by a
target to claim the current bus transaction. During the
address phase of a transaction, all targets decode the
address on the AD[31:0] bus. If a target recognizes
the address as its own, it forces DEVSELB low to
indicate to the initiator that the address is valid. If no
target claims the address in six bus clock cycles, the
initiator must assume that the target does not exist or
cannot respond and must abort the transaction.
When the LASAR-155 is the initiator, DEVSELB is an
input. If no target responds to an address in six
PCICLK cycles, the LASAR-155 aborts the current
transaction and alerts the PCI Host via an interrupt.
When the LASAR-155 is the target, DEVSELB is an
output.
DEVSELB is updated on the rising edge of PCICLK or
sampled using the rising edge of PCICLK depending
on whether it is an output or an input. When the
LASAR-155 is not involved in the current transaction,
DEVSELB is tri-stated.
LOCKB
Input
34
The active low bus lock (LOCKB) signal is used to lock
a target device. When LOCKB is low, FRAMEB is low
and the LASAR-155 is the target, an initiator is locking
the LASAR-155 as an "owned" target. Under these
circumstances, the LASAR-155 will reject all
transaction with other initiators. The LASAR-155 will
continue to reject other initiators until its owner
releases the lock by forcing both FRAMEB and
LOCKB high. As an initiator, the LASAR-155 never
locks a target.
LOCKB is sampled using the rising edge of PCICLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com