Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7375-SC Datasheet(PDF) 80 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 80 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 76Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 77Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 78Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 79Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 80Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 81Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 82Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 83Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 84Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
64
9.14.4 Transmit Queues and Operation
TDRs describing TD of packet(s) are passed from the PCI Host to the TRM using
the Transmit Descriptor Reference Ready (TDRR) Queues found in the PCI Host
memory. Two ready queues are provided, a high priority and a low priority queue.
TDs in the high priority queue get queued for transmission before TDs in the low
priority queue. When packets associated with descriptors are transmitted is
determined by the Transmit ATM Traffic Shaper (TATS) block.
TDRs describing TD of packet(s) that have been segmented and transmitted are
passed from the TRM to the PCI Host using the Transmit Descriptor Reference Free
(TDRF) Queue found in the PCI Host memory. Some buffering of TDs being
returned to the TDRF Queue is optionally provided to decrease PCI bus accesses.
All three queues are defined using a common base pointer residing in the PCID
Transmit Queue Base register and twelve offset pointers, four per queue. For each
queue, two pointers are required to define the start and the end of a queue while
two pointers are required for the current write and read locations within the queue.
The read pointer always points to the last location read while the write pointer
always points to the next location to be written.
A full condition for the queues is defined as the read and the write pointers being
equal. An empty condition is defined as the read pointer one less then the write
pointer. The last location in a queue is not considered as part of the queue and thus
is not a valid entry.
Packets are assembled in PCI Host memory using TDs. Each TD contains control
fields, a TD pointer reference field and a buffer pointer field. The control fields can
be used by the PCI Host to associate a packet with an open VC and to inform the
LASAR-155 how to segment the packet. If a packet requires more memory then
available in the buffer referenced by the current TD, the PCI Host can link a new TD
to the current TD using the current TD's TD pointer reference. When the PCI Host
needs to transmit a packet, it formats a TD and adds the TD's TDR to the high or
low priority TDRR Queue as shown below.
Once the TRM is notified that a packet has been added onto the TDRR Queue, it
removes the TDR from the TDRR Queues, verifies that the VC the current packet is
associated with is in fact open and adds the TDR to its internal transmit VC queues.
Segmentation of the packet then proceeds at the negotiated VC traffic parameters
as controlled by the TATS block. As TD buffers are consumed and become empty,
the TRM attaches the TD's TDR to the TDRF Queue and indicates the success of
the packet transmission in the TDR. In order to take advantage of burst PCI
transfers, the TRM optionally buffers up to six TDs before attaching them to the
TDRF Queue. If TD buffering is enabled, the TDs are flushed to the TDRF Queue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com