Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7375-SC Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 85Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 86Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 87Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 88Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 89Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 90Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 91Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 92Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
73
Data Buffer Start
Address[31:0]
The Data Buffer Start Address bits are used as a pointer
to the packet buffer of the current TD in PCI Host
memory.
No DWORD alignment is assumed.
Host Next TD Pointer
[13:0]
The Host Next TD Pointer is used to store TDRs which
permits the PCI Host to support linked lists of TDs. As
mentioned above, linked lists are terminated using the
CE bit. Linked lists of TDs are used by the PCI Host to
pass the LASAR-155 multiple TD packets or to pass the
LASAR-155 multiple packets associated with the same
VC.
V
The V bit is used to indicate that the PCID Next TD
Pointer field is valid. When V is set to logic one the PCID
Next TD Pointer[13:0] field is valid. When V is set to
logic zero, the PCID Next TD Pointer[13:0] field is
invalid. This field is used by the host to rebuild the PCID
packet links in the event of a segmentation failure
condition. This field must be initialized to zero by the
PCI Host.
PCID Next TD
Pointer [13:0]
The PCID Next TD Pointer bits are used to store TDRs
which permits the TRM to create linked lists, of TDs
passed to it via the TDRR Queues. The TDs are linked
with other TDs with the same VC. In the case that the
TRM aborts a packet, the TRM will only place the first
TD of a VC on the TDRF Queue. It is the responsibility
of the PCI Host to follow the PCID and Host links in
order to recover all the buffers.
CPAAL5_PDU
UU[7:0]
The Common Part Convergence Sublayer AAL Type 5
Protocol Data Unit User to User (CPAAL5_PDU UU)
octet is used by the LASAR-155 to insert into the UU
field of the associated CPAAL5_PDU. Insertion can be
enabled or disabled using a register bit. If disabled, the
LASAR-155 inserts 00H into the UU field of the
associated CPAAL5_PDU.
For multiple TD packets, for all TDs of the packet, the
CPAAL5_PDU UU field must be consistent. Note, the
CPAAL5_PDU UU field is only used when CT[1:0]
selects AAL5 user cells (00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com