Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 27 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 27 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 23Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 24Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 25Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 26Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 27Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 28Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 29Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 30Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 27
EMC2101
5.6
Conversion Rate Register
REGISTER 5-4:
CONVERSION RATE REGISTER (ADDRESS 04h AND 0Ah)
U-0
U-0
U-0
U-0
RW
RW
RW
RW
CONV3
CONV2
CONV1
CONV0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
CONV[3:0]: Determines the conversion rate as shown below:
CONV[3:0]
Conversions/Second
3
210
000
0
1/16
000
1
1/8
001
0
1/4
001
1
1/2
010
0
1
010
1
2
011
0
4
011
1
8
100
0
16 (default)
100
1
32
All others
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com