Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 34 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 34 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 30Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 31Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 32Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 33Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 34Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 35Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 36Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 37Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
EMC2101
DS20006703A-page 34
 2022 Microchip Technology Inc. and its subsidiaries
5.17
Fan Spin Up Configuration
Register
The Fan Spin Up Configuration register controls the
spin-up behavior of the device. The Fan driver enters
its spin-up routine any time it transitions from a
minimum fan setting (00h) to a higher fan setting (but
does not invoke the spin-up routine upon power up).
Once the spin-up time has been met, the fan driver is
reduced to the programmed setting.
TABLE 5-4:
TACH MODES
TACH_M[1]
TACH_M[0]
TACH Mode
00
False readings when under minimum
detectable RPM (TACH Limit).
(Default condition, see Note)
01
FFFFh reading when under minimum
detectable RPM.
10
11
Note:
When the PWM base clock is set at 360kHz mode 00b is used regardless of the setting of the TACH_M[1:0]
bits.
REGISTER 5-15:
FAN SPIN UP CONFIGURATION REGISTER (ADDRESS 4Bh)
U-0
U-0
RRRR
RR
FAST_TACH
SPIN_DRIVE[1:0]
SPIN_TIME[2:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0
bit 5
FAST_TACH: Determines whether the Spin-Up routine aborts when the measured TACH is less than
the TACH Limit.
1 = (default) The Spin-Up routine will abort when the TACH measurement is less than the TACH Limit
or the programmed Spin-Up time is met, whichever is less. In this case, the SPIN_DRIVE[1:0] bits are
ignored and the drive will always be at 100%.
0 = The Spin-Up routine uses the duty cycle and spin-up time independently of the TACH reading.
This bit will be ignored if the ALT_TCH bit in the Configuration Register (see Section 5.5, Configuration
Register) is set to ‘0’.
If the SPIN_TIME[2:0] bits are set at 000b, then the Spin-Up Routine is bypassed regardless of the
status of this bit.
bit 4-3
SPIN_DRIVE: Determines the setting of the drive circuit during the Spin-Up routine according to
Table 5-5.
bit 2-0
SPIN_TIME: Determines the length of time that the fan drive will remain at the SPIN_DRIVE[1:0]
setting as shown in Table 5-6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com