Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 3 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 3 Page - Microchip Technology

  EMC2101-R-ACZL-TR Datasheet HTML 1Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 2Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 3Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 4Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 5Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 6Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 7Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 8Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 3
EMC2101
1.0
ELECTRICAL CHARACTERISTICS
1.1
Electrical Specifications
Absolute Maximum Ratings(†)
Supply Voltage (VDD) ................................................................................................................................. -0.3V to +5.0V
Voltage on 5V tolerant pins (V5VT_pin).............................................................................................................-0.3 to 5.5V
Voltage on 5V tolerant pins (|V5VT_pin -VDD|) (Note) .....................................................................................-0.3 to 3.6V
Voltage on any other pin to Ground ..................................................................................................... -0.3 to VDD +0.3V
Operating Temperature Range....................................................................................................................-40 to +125°C
Storage Temperature Range.......................................................................................................................-55 to +150°C
Lead Temperature Range ........................................................................................... Refer to JEDEC Spec. J-STD-020
Package Thermal Characteristics for 8-pin MSOP
Thermal Resistance (θj-a).................................................................................................................................140.8°C/W
ESD Rating, All pins HBM.......................................................................................................................................2000V
Note:
For the 5V tolerant pins that have a pull-up resistor, the pull-up voltage must not exceed 3.6V when
EMC2101 is unpowered.
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for
extended periods may affect device reliability.
TABLE 1-1:
ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise specified VDD = 3.0V to 3.6V, TA = 0°C to +85°C,
all typical values at TA = +27°C
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
0.6
1
mA
16 conversion/second, PWM or DAC
driver operational
200
µA
1 conversion/16 seconds, PWM driver
operational
300
µA
1 conversion/16 seconds, DAC driver,
no load
300
400
µA
Temp monitoring disabled, DAC driver
enabled, no load
Standby Current
ISTANDBY
270
µA
PWM disabled, monitoring disabled
Internal Temperature Monitor
Temperature Accuracy
±1
±2
°C
Temperature
Resolution
±1
°C
8-bit resolution
Conversion Time
Internal Channel
tCONV
—3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com