Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 28 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 28 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 24Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 25Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 26Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 27Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 28Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 29Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 30Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 31Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
EMC2101
DS20006703A-page 28
 2022 Microchip Technology Inc. and its subsidiaries
5.7
Temperature Limit Registers
The EMC2101 has two 8-bit limit registers, two 11-bit
limit registers, and one hysteresis register. The limits
are checked after every temperature conversion.
If the measured temperature for the internal diode
exceeds the Internal Temperature limit, then the
INT_HIGH bit is set in the Status Register. It will remain
set until the internal temperature drops below the high
limit.
If the measured temperature for the External Diode
exceeds the 11-bit External Diode High Limit, or drops
below the 11-bit External Diode Low Limit, then the
appropriate status bit will be set. The status bit will
remain set until the temperature is no longer violating
the respective limits.
If the External Diode exceeds the TCRIT Temp Limit
(even if it does not exceed the External Diode
Temperature Limit), the TCRIT bit will be set in the
Status Register.
The TCRIT bit will remain set in the Status Register
until the External Diode Temperature drops below a
lower threshold given by Equation 5-1.
EQUATION 5-1:
See Section 5.3, Temperature Data Registers and
Section 5.5, Configuration Register for ALERT/TACH
pin functionality.
5.8
External Temperature Force
Register
The External Diode Force Register is used to force the
Fan Control Look-Up Table to a specific fan-speed
setting.
When
this
function
is
enabled
(see
Section 5.16 “Fan Configuration Register”), the
contents of this register are compared against the
temperature thresholds in the Fan Control Look-Up
Table to determine the fan setting to use.
The contents of this register represent temperature
data in the same format as the data registers and can
be updated at any time.
The External Diode Temperature Registers are
updated normally with the measured temperature and
compared against the THIGH and TCRIT limits
normally but not used to determine the fan speed.
This mode is used if the host or system requires
temperature data from a source other than the
EMC2101 External Diode to be used for fan control.
TEMP
TCRIT TCRITHYS

=
REGISTER 5-5:
TEMPERATURE DATA REGISTERS
Address
R/W
Register
B7B6B5B4B3B2
B1B0
Default
05h and
0Bh
R/W
Internal Temp
Limit
643216
8
4
2
1
46h
(+70°C)
07h and
0Dh
R/W
External Diode
High Limit MSB
643216
8
4
2
1
46h
(+70°C)
08h and
0Eh
R/W
External Diode
Low Limit MSB
643216
8
4
2
1
00h
(+0°C)
13h
R/W
External Diode
High Limit LSB
0.5
0.25
0.125
00h
14h
R/W
External Diode
Low Limit LSB
0.5
0.25
0.125
00h
19h
R/W
TCRIT Temp
Limit
643216
8
4
2
1
55h
(+85°C)
21h
R/W
TCRIT
Hysteresis
643216
8
4
2
1
0Ah
(+10°C)
REGISTER 5-6:
EXTERNAL DIODE FORCE REGISTER (ADDRESS 0Ch)
Address
R/W
Register
B7B6B5B4B3B2B1B0
Default
0Ch
R/W
External Temperature
Force
Sign
64
32
16
8
4
2
1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com