Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9480 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 39Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 40Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 41Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 42Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 43Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 44Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 45Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 46Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 47Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Package Information
80-pin LQFP (12
´12) outline dimensions
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
13.90
¾
14.10
B
11.90
¾
12.10
C
13.90
¾
14.10
D
11.90
¾
12.10
E
¾
0.50
¾
F
¾
0.20
¾
G
1.35
¾
1.45
H
¾¾
1.60
I
¾
0.10
¾
J
0.45
¾
0.75
K
0.10
¾
0.20
a
0
°¾
7
°
HT9480
Rev. 1.20
46
July 31, 2002
6 0
6 1
4 1
4 0
8 0
1
2 0
2 1
A
B
C
D
E
.
G
H
I
J
K
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com