Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9480 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9480 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
HT9480
8-Bit Numerical Pager Controller MCU
Rev. 1.20
1
July 31, 2002
Features
· Operating voltage: 2.4V~3.3V
· Low power crystal oscillator control
- 512, 1200, or 2400 bps data rate operation
· Decodes CCIR Radio-paging Code No.1 (POCSAG
Code)
· 2-bit random and optional 4-bit burst error correction
· Improved synchronization algorithm
· Supports up to 6 independently programmable user
addresses and 6 user frames
· Three RF power on timing control pins
· Single crystal for all available baud rate (76.8kHz
crystal)
· Battery low indication (external detector)
· Battery fail interrupt and data ready interrupt
· 8K´16 program ROM
· 416´8 data RAM
· 35´4 LCD display
· 7 input lines and 10 bidirectional I/O lines
· 8-bit programmable timer for RTC interrupt
· 8-bit programmable timer/event counter and over-
flow interrupt
· 8-bit programmable tone generator with buzzer out-
put
· Watchdog Timer
· HALT function and wake-up feature reduce power
consumption
· 63 powerful instructions, most instructions in one
machine cycle
· Eight-level subroutine nesting
· Table read instruction
· Inverted or non-inverted input signal selection for de-
coder input
· 80-pin LQFP(12´12) package
General Description
The HT9480 is a high performance pager controller. The
built-in single cycle instructions (16-bit wide) and
two-stage pipeline architecture of the HT9480 account
for its high performance. The controller contains a full
function pager decoder (POCSAG code) at 512, 1200,
or 2400 bits per second data rate and an LCD display
driver with a 35
´4 dot output.


Similar Part No. - HT9480

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9480 HOLTEK-HT9480 Datasheet
1Mb / 57P
Pager Controller
23th Feb 98
More results

Similar Description - HT9480

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MV20556 MOSEL-MV20556 Datasheet
106Kb / 30P
8 - Bit MCU Mouse Controller
logo
NXP Semiconductors
PCA5010 PHILIPS-PCA5010 Datasheet
627Kb / 112P
Pager baseband controller
1998 Nov 02
logo
Holtek Semiconductor In...
HT9480 HOLTEK-HT9480 Datasheet
1Mb / 57P
Pager Controller
23th Feb 98
logo
Zilog, Inc.
Z08617 ZILOG-Z08617 Datasheet
231Kb / 26P
NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER
logo
Holtek Semiconductor In...
HT95C200 HOLTEK-HT95C200 Datasheet
324Kb / 50P
8-Bit CID Type Phone Controller MCU
October 1, 2002
logo
List of Unclassifed Man...
JA32050 ETC-JA32050 Datasheet
305Kb / 19P
8-Bit MCU,ADC,LCD Controller
logo
Holtek Semiconductor In...
HT95L100 HOLTEK-HT95L100 Datasheet
768Kb / 42P
8-Bit LCD Type Phone Controller MCU
October 1, 2002
logo
Taiwan Memory Technolog...
T81L0003B TMT-T81L0003B Datasheet
100Kb / 16P
8-bit MCU
T81L0010A TMT-T81L0010A_06 Datasheet
104Kb / 17P
8-bit MCU
logo
Holtek Semiconductor In...
HT45F3630 HOLTEK-HT45F3630 Datasheet
7Mb / 137P
Power Tool Controller 8-Bit Flash MCU
March 03, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com