Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9480 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
HT9480
Rev. 1.20
22
July 31, 2002
Message data transfer
The decoder outputs a deformatted address word and
message words upon receipt of a valid call. The mes-
sage data to be transferred is organized into 8-bit words
and transferred through the parallel pager data address
(1FH) byte by byte. When a call word starts, the decoder
generates a data ready interrupt simultaneously and
runs the processing subroutine. The subroutine should
read out the word in the pager data address (1FH) be-
fore the next call word comes in, i.e., the word should be
read in 4mS at 512/1200 bit data rate and in 2mS at a
2400 bit data rate. Otherwise, the data in 1FH is overrid-
den by the next word.
Termination word format
Successful call termination occurs by the reception of a
valid address code-word with less than 2 bit errors on
the decoder output register.
Unsuccessful termination occurs when sync is not de-
tected.
Termination word format:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Error
Flag
0000100
Call data output format
The HT9480 automatically converts message
code-words received in numeric or alphanumeric format
into ASCII format. Depending on SPF09 and the func-
tion bit setting in the received address code-word a con-
version takes place as shown in the following table.
Function Bits
Message
Format
SPF 09
Bit 20
Bit 21
0
X
X
numeric
1
0
0
numeric
1
X
1
alpha-numeric
1
1
X
alpha-numeric
L a s t M E S S A G E W O R D
T E R M I N A T I O N W O R D
C a l l d a t a
D a t a R e a d y D R
1 . H [ 0 : 7 ]
1 . H [ 0 : 7 ]
S e t 1 E H b i t 7 t o h i g h
S e t 1 E H b i t 7 t o h i g h
D a t a R e a d y I N T
A D D R E S S C O D E W O R D
D a t a R e a d y I N T
1 s t M E S S A G E C O D E W O R D
6 b i t s
2 n d M E S S A G E C O D E W O R D
1
2
3
4
5
8 b i t s
6 b i t s
6 b i t s
6 b i t s
D a t a R e a d y D R
4 9 9 8 m s < T < 6 6 6 4 m s
1 3 m s
1 2 0 0 b p s N u m e r i c
1 . H [ 0 : 7 ]
S e t 1 E H b i t 7 t o h i g h
D a t a R e a d y I N T
D a t a R e a d y D R
A D D R E S S W O R D
1 s t M E S S A G E W O R D
C T
C T
C T
Numeric message data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com