Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9480 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
HT9480
Rev. 1.20
28
July 31, 2002
Baud rate selection bits (SPF12, SPF13, SPF14)
SPF12
SPF13
SPF14
Connected Crystal (Hz)
Baud Rate (Hz)
0
0
0
32768
512
0
0
1
76.8k
512
0
1
0
76.8k
1200
0
1
1
76.8k
2400
1
0
0
153.6k
512
1
0
1
153.6k
1200
1
1
0
153.6k
2400
· SPF15
1: 4-bit burst error correction for address and
message code-word
0: 2-bit random error correction for address
and message code-word
· SPF16
1: Out-of-range Hold-off period according to
SPF06 and SPF07
0: Out-of-range Hold-off period is zero
regardless of SPF06 and SPF07
· SPF17
Tone generation frequency source selector
0: System clock
1: 32.768kHz
· SPF18
Tone generation frequency duty control
0: frequency duty cycle 1/2
1: frequency duty cycle 1/4
· SPF19
Non-inversion or inversion data input selection
1: Inversion input selected for DI from RF
Circuit, referring to DI
0: Non-inversion input selected for DI from
RF circuit
· SPF20
Message code-word packaging method
1: 4 bits packaging mode
0: 7 bits ASCII mode
· SPF21, SPF22, SPF23
Internal state status (for testing only)
Mask option
The following table illustrates nine kinds of mask options
in the HT9480. All of the options should be defined to
ensure proper system functioning.
No.
Mask Option
1
HALT function selection. This option defines the way of enabling or disabling the HALT function.
2
WDT source selection. This option selects the WDT source, from either the subsystem clock, or instruction
clock, or disabling the WDT function.
3
CLRWDT times selection. This option defines the way of clearing the WDT by instruction.
²Once² means
that the
²CLR WDT² can clear the WDT and ²Twice² implies that the ²CLR WDT1² and ²CLR WDT2² should
be executed before the time-out so as to clear the WDT.
4
Wake-up selection. This option defines the wake-up activity. Port A has the capability of waking-up the chip
from HALT.
5
PB, PC0, and PC1 pull-high options
6
MCU OSC type selection. This option is to decide if an RC or Crystal oscillator is chosen as the system
clock.
7
WDT prescaler selection. The prescaler can be set to 1/1024 or 1/2048
8
FOUT connection selection. The FOUT output can be connected to the OSC1 input or not.
9
Double frequency selection. The FOUT can be doubled from the X1 input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com