Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9480 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
HT9480
Rev. 1.20
20
July 31, 2002
Decoder interface
The HT9480 has two interfaces available. One is the
pager control address (1EH), which controls the opera-
tion and configuration of the decoder. The other is the
pager data address (1FH), which places the message
data of calls in the parallel mode.
· Decoder control address
The decoder control address (1EH) contains a data
ready flag (DR), a battery low flag (BL), an out of
range flag (OR), a battery fail flag (BF), a decoder
standby flag (STB), a call termination indication flag
(CT), a decoder software reset (RES), and a decoder
on/off control bit (ON). It not only records the status in-
formation but controls the operation of the decoder.
Any data written to the decoder control address can-
not change the OR,BF, STB and CT flags.
If the status of the battery fail (BF) changes from
²1² to
²0², the following conditions occur.
· The pager controller generates an interrupt if the value
of the data ready interrupt flag is
²1².
· The pager controller does not generate an interrupt
and no data is transmitted if the value of the data ready
interrupt flag is
²0².
On the other hand, if the status of the battery fail (BF)
changes from
²0² to ²1², the internal node PA.7 of the
pager controller will supply a wake-up function.
After the decoder asserts the data transfer request,
the data ready interrupt is generated and the DR bit
(bit 7 of 1EH) is cleared low; then the data ready inter-
rupt subroutine runs to process the call data and resets
the DR bit high.
C T
M C U ( I N T )
P a g e r D e c o d e r
B S 3
B A L
D I
R .
C K T .
D e c o d e r d a t a o u t p u t
1 E H
1 . H
D a t a R e a d y i n t e r r u p t
B i t 0
B i t 1
B i t 2
B i t 3
B i t 4
B i t 5
B i t 6
B L
O R
O N
B S 1
B S 2
B i t 7
D R
T h e v a l u e o f 1 E H - b i t 4 B . i s d e p e n d e n t o n t h e B A . p i n .
B .
B A . ( B a t t e r y f a i l i n t e r r u p t )
M C U P A 7
( w a k e u p )
S T B
N o t e s : T h e v a l u e o f 1 E H - b i t 3 S T B i s s e t w h e n d e c o d e r e n t e r e s t h e s t a n d b y m o d e a n d c l e a r e d w h e n d e c o d e r e n t e r s t h e O N m o d e .
V I H = 1 . 2 V
V I L = 0 . 9 V
R E S
D e b o u n c e
C i r c u i t
B i t 0
B i t 1
B i t 2
B i t 3
B i t 4
B i t 5
B i t 6
B i t 7
P a g e r s y s t e m c l k
1
T h e v a l u e o f 1 E H - b i t 5 O R i s a l w a y s c h a n g e d b y o u t o f r a n g e s i g n a l .
T h e v a l u e o f 1 E H - b i t 6 B L i s c l e a r e d " 0 " b y t h e d e c o d e r B a t t e r y L o w s i g n a l a n d s e t " 1 " w h e n M C U s e t s t h i s b i t h i g h .
T h e v a l u e o f 1 E H - b i t 7 D R i s c l e a r e d " 0 " b y t h e d e c o d e r D a t a - R e a d y i n t e r r u p t s i g n a l a n d s e t " 1 " w h e n M C U s e t s t h i s b i t h i g h .
T h e v a l u e o f 1 E H - b i t 2 C T i s c l e a r e d " 0 " w h e n e n d o f m e s s a g e w o r d a n d s e t " 1 " d u r i n g r e c e i v i n g m e s s a g e w o r d .
Decoder interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com