Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9480 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
HT9480
Rev. 1.20
19
July 31, 2002
The two function bits (bits 20 and 21) allow distinction
of four different calls to one user address as shown in
following Table.
Bit 20
(MSB)
Bit 21
(LSB)
Call Type
Data Format
0
0
Numeric
4-bits per digit
0
1
Alert only
¾
1
0
Alert only
¾
1
1
Alpha-numeric
7-bits per ASCII
character
An idle codeword is a valid address codeword, which
cannot be allocated to the pager.
There is a total of 20 bits of caller information to be put
into a message codeword (bits 2 to 21), which is pro-
tected by the CRC checkbits (bits 22 to 31).
· Decoding of the POCSAG data stream
The POCSAG coded input data received from RF
module is first filtered by an internal digital filter in the
decoder. From the filtered data, a sampling clock syn-
chronous to the data rate is derived. The decoder sup-
ports 512, 1200, and 2400 bits per second data rate,
which in turn results in their corresponding sampling
clock frequency.
Upon detection of a valid call, the decoder performs
several operations (refer to the following section of
the Message Data Transfer).
Call termination is normally deemed when a valid idle
or another address codeword is received after a mes-
sage code word.
· Erroneous codewords
Upon receipt of erroneous uncorrectable codewords,
call termination occurs according to the conditions
given below:
SPF08 SPF09
Call Termination Event
0X
Any two consecutiv ecodewords
or the codeword directly following
the address codeword in error
1
0
Any single codeword in error
11
Any two consecutive codewords in
error
Error correction
Item
Description
Preamble
4 random errors in 31 bits
Synchronization
code-word
2 random errors in 32 bits
Address
code-word
2 random errors, or 4-bit burst
errors (optional)
Message
code-word
2 random errors, or 4-bit burst
errors (optional)
In the HT9480 error correction methods have been im-
plemented as shown in above Table.
Random error correction is default for both address and
message code-words. Burst error correction can be
switched by SPF 15. Up to 4 bits of burst errors can be
corrected.
P R E A M B L E
B A T C H 1
B A T C H 2
L A S T B A T C H
1 0 1 0 . . . . . . . . . 1 0 1 0 1 0 1 0 1 0
. R A M E 0
. R A M E 1
. R A M E 7
1 8 A d d r e s s B i t s
A d d r e s s c o d e w o r d
M e s s a g e c o d e w o r d
B i t N u m b e r
1
2 t o 1 9
2 0 / 2 1
2 2 t o 3 1
3 2
3 1 I d l e c o d e B i t p a t t e r n
I d l e c o d e w o r d
3 1 S y n c h c o d e B i t p a t t e r n
S y n c h c o d e w o r d
0
1 0 C R C b i t s
P
2 0 M e s s a g e B i t s
S y n c h
C W
C W
2 . u n c t i o n
B i t s
1 0 C R C b i t s
P
1
0
0
C W
C W
C W
C W
POCSAG code structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com