Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9480 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9480
Description  8-Bit Numerical Pager Controller MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9480 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOL
BZ, Sink Current
3V
VOL=0.3V
1
2.5
¾
mA
IOH
BZ, Source Current
3V
VOH=2.7V
-1
-2
¾
mA
IOL
PC0~PC1 Sink Current
3V
VOL=0.3V
1.7
3.4
¾
mA
IOH
PC0~PC1 Source Current if Pull-high
Mask Option
3V
VOH=2.7V
-1
-1.9
¾
mA
IOL
BS1, BS2, BS3, FOUT Sink Current
3V
VOL=0.3V
350
¾¾
mA
IOH
BS1, BS2, BS3, FOUT Source Current
3V
VOH=2.7V
-0.9
¾¾
mA
RPH
Pull-high I/O Port Resistance
3V
¾
100
200
500
k
W
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock (RC OSC)
3V
¾
76.8
256
1000
kHz
fSYS2
System Clock (Crystal OSC)
3V
¾
76.8
256
1000
kHz
fSUBSYS
Pager Subsystem Clock (Crystal OSC)
3V
¾
32.768
76.8
153.6
kHz
fTIMER
Timer I/P Frequency (TMR1)
3V
¾
0
¾
1000
kHz
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note: tSYS=1/fSYS
HT9480
Rev. 1.20
5
July 31, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com