| Electronic Components Datasheet Search |
|
MNSC140CORE Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MNSC140CORE Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc |
|
26 / 88 page ![]() MSC8122 Technical Data, Rev. 13 1-16 Freescale Semiconductor Signals/Connections 1.6 GPIO, TDM, UART, and Timer Signals The general-purpose input/output (GPIO), time-division multiplexed (TDM), universal asynchronous receiver/transmitter (UART), and timer signals are grouped together because they use a common set of signal lines. Individual assignment of a signal to a specific signal line is configured through internal registers. Table 1-7 describes the signals in this group. Table 1-7. GPIO, TDM, UART, Ethernet, and Timer Signals Signal Name Type Description GPIO0 CHIP_ID0 IRQ4 ETHTXD0 Input/ Output Input Input Output General-Purpose Input Output 0 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. Chip ID 0 Determines the chip ID of the MSC8122 DSI. It is sampled on the rising edge of PORESET signal. Interrupt Request 4 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. Ethernet Transmit Data 0 For MII or RMII mode, bit 0 of the Ethernet transmit data. GPIO1 TIMER0 CHIP_ID1 IRQ5 ETHTXD1 Input/ Output Input/ Output Input Input Output General-Purpose Input Output 1 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. Timer 0 Each signal is configured as either input to or output from the counter. See the MSC8122 Reference Manual for configuration details. Chip ID 1 Determines the chip ID of the MSC8122 DSI. It is sampled on the rising edge of PORESET signal. Interrupt Request 5 One of the fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. Ethernet Transmit Data 1 For MII or RMII mode, bit 1 of the Ethernet transmit data. GPIO2 TIMER1 CHIP_ID2 IRQ6 Input/ Output Input/ Output Input Input General-Purpose Input Output 2 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8122 Reference Manual. Timer 1 Each signal is configured as either input to or output from the counter. For the configuration of the pin direction, refer to the MSC8122 Reference Manual. Chip ID 2 Determines the chip ID of the MSC8122 DSI. It is sampled on the rising edge of PORESET signal. Interrupt Request 6 One of the fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |