| Electronic Components Datasheet Search |
|
MNSC140CORE Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MNSC140CORE Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc |
|
18 / 88 page ![]() MSC8122 Technical Data, Rev. 13 1-8 Freescale Semiconductor Signals/Connections HD60 D60 ETHCOL Reserved Input/ Output Input/ Output Input/ Output Input Host Data Bus 60 Bit 60 of the DSI data bus. System Bus Data 60 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Collision In MII mode only, indicates that a collision was detected. In RMII mode, this pin is reserved and can be left unconnected. HD[61–63] D[61–63] Reserved Input/ Output Input/ Output Input Host Data Bus 61–63 Bits 61–63 of the DSI data bus. System Bus Data 61–63 For write transactions, the bus master drives valid data on this bus. For read transactions, the slave drives valid data on this bus. If the Ethernet port is enabled and multiplexed with the DSI/System bus, these pins are reserved and can be left unconnected. HCID[0–2] Input Host Chip ID 0–2 With HCID3, carries the chip ID of the DSI. The DSI is accessed only if HCS is asserted and HCID[0–3] matches the Chip_ID, or if HBCS is asserted. HCID3 HA8 Input Input Host Chip ID 3 With HCI[0–2], carries the chip ID of the DSI. The DSI is accessed only if HCS is asserted and HCID[0–3] matches the Chip_ID, or if HBCS is asserted. Host Bus Address 8 Used by an external host to access the internal address space. HA[11–29] Input Host Bus Address 11–29 Used by external host to access the internal address space. HWBS[0–3] HDBS[0–3] HWBE[0–3] HDBE[0–3] Input Input Input Input Host Write Byte Strobes (In Asynchronous dual mode) One bit per byte is used as a strobe for host write accesses. Host Data Byte Strobe (in Asynchronous single mode) One bit per byte is used as a strobe for host read or write accesses Host Write Byte Enable (In Synchronous dual mode) One bit per byte is used to indicate a valid data byte for host read or write accesses. Host Data Byte Enable (in Synchronous single mode) One bit per byte is used as a strobe enable for host write accesses Table 1-5. DSI, System Bus, Ethernet, and Interrupt Signals (Continued) Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |